Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LL4448 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # LL4448
Description  SMALL SIGNAL SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

LL4448 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  LL4448 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. LL4448 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. LL4448 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LL4448
SMALL SIGNAL
SWITCHING DIODES
Features
Mechanical Data
· Silicon epitaxial planar diode
· Fast switching diodes
· 500mW power dissipation
· This diode is also available in the DO-35 case with
the type designation 1N4448
· Case: MiniMELF glass case (DO-35)
· Weight: Approx. 0.05 gram
Maximum Ratings And Electrical Characteristics
Electrical characteristics
(Ratings at 25℃ ambient temperature unless otherwise specified)
(Ratings at 25℃ ambient temperature unless otherwise specified)
Symbol
Value
Units
Average rectified current, Half wave rectification with
Resistive load at TA=25℃ and F≥50Hz
mA
1501)
Surge forward current at t<1S and TJ=25℃
-65 to +175
Storage temperature range
Reverse Voltage
Volts
75
VR
IAV
IFSM
500
TSTG
Junction temperature
TJ
175
mA
1) Vaild provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
Peak Reverse Voltage
Volts
100
VRM
Power dissipation at TA=25℃
mW
5001)
Ptot
Symbols
Units
Leakage current
at VR=20V
at VR=75V
at VR=20V, TJ=150℃
nA
μA
μA
Junction Capacitance at VR=VF=0V
IR
IR
IR
CJ
Min.
Thermal resistance, junction to Ambient
Typ.
Max.
25
5
50
4
3501)
K/W
Forward voltage
at IF=5mA
at IF=10mA
V
V
0.72
1
VF
VF
JA
pF
Reverse Recovery time from IF=10mA to IR=1mA,
VR=6V, RL=100Ω
4
ns
trr
1) Vaild provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
Reverse breakdown voltage tested with 100μA Pulse
V
100
V(BR)R
Rectification efficiency at f=100MHz, VRF=2V
0.45
η
Dimensions in inches and (millimeters)
MELF (DO-35)
0.146(3.70)
0.130(3.30)
0.020(0.50)
0.011(0.28)
SOLDERABLE ENDS
0.063(1.60)
0.051(1.30)


Similar Part No. - LL4448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Similar Description - LL4448

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com