Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLL1707 Datasheet(PDF) 9 Page - Texas Instruments

Part # PLL1707
Description  3.3-V DUAL-PLL MULTICLOCK GENERATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PLL1707 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PLL1707 Datasheet HTML 5Page - Texas Instruments PLL1707 Datasheet HTML 6Page - Texas Instruments PLL1707 Datasheet HTML 7Page - Texas Instruments PLL1707 Datasheet HTML 8Page - Texas Instruments PLL1707 Datasheet HTML 9Page - Texas Instruments PLL1707 Datasheet HTML 10Page - Texas Instruments PLL1707 Datasheet HTML 11Page - Texas Instruments PLL1707 Datasheet HTML 12Page - Texas Instruments PLL1707 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SCKO0
150 ns
SCKO1
SCKO2
SCKO3
FS2, 1
Stable
Clock T ransition Region
Stable
33.8688 MHz
SR
CSEL
50 ns
Reset
Reset Removal
1024 Master Clocks
VDD
2.4 V
2.0 V
1.6 V
Internal Reset
Master Clock
PLL1707-Q1
www.ti.com
SLES259A
– JUNE 2010 – REVISED MARCH 2011
Table 4. Sampling Frequencies and System Clock Output Frequencies
SAMPLING
SAMPLING RATE
256 fS SCKO2 (MHZ)
384 fS SCKO3 (MHZ)
FREQUENCY (kHz)
32
Standard
8.192
12.288
44.1
Standard
11.2896
16.9344
48
Standard
12.288
18.432
64
Double
16.384
24.576
88.2
Double
22.5792
33.8688
96
Double
24.576
36.864
Response time from power on (or applying the clock to XT1) to SCKO settling time is typically 3 ms. Delay time
from sampling frequency change to SCKO settling is 300 ns maximum.
The delay time for hardware control to use SR, FS2, FS1, or CSEL is 150 ns maximum. Figure 10 illustrates
SCKO transient timing in the PLL1707. Clock transient timing is not synchronized with the SCKOs. External
buffers are recommended on all output clocks in order to avoid degrading the jitter performance of the PLL1707.
Figure 10. SCKO Transient Timing
Power-On Reset
The PLL1707 has an internal power-on reset circuit. Throughout the reset period, all clock outputs are enabled
with the default settings after power-up time. Initialization by internal power-on reset is done automatically during
1024 master clocks at VDD > 2.0 V (TYP). Power-on reset timing is shown in Figure 11.
Figure 11. Power-On Reset Timing
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): PLL1707-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com