Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MR820 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # MR820
Description  CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MR820 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  MR820 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MR820 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES MR820 THRU MR828
FIG .5 TYPICALINSTANTANEOUS
FORWARD CHARACTERISTICS
FIG . 2 MAXIMUMCURRENT DERATINGCURVE
FIG .4 TYPICALJREVERSE CHARACTERISTICS
FIG .3 MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
o
Tj=25 C
PULSE WIDTH=300us
1%DUTY CYCLE
o
T .AMBIENT TRMPERATURE( C)
A
10
1
0.1
0.01 0 20 40 60 80 100 120 140
100
10
1
0.10.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
6.0
5.0
4.0
2.0
0
0 20 40 60 80 100 120 140
180 200
300
200
100
1
10
50
100
trr
1cm
50
NONINDUCTIVE
10
NONINDUCTIVE
DUT
OSCILLOSCOPE
(NOTE 1)
(+ )
25Vdc
(approx)
(-)
NOTES: 1 . RISE TIME = 7nsmax. INPUT
IMPEDANCE= 1 MEGOHM 22pf
2 . RISETIME = 10ns max.SOURSE
IMPEDANCE = 50ohmsf
+0.5A
-1.0A
SET TIME BASE FOR
5/ 20ns / cm
NONINDUCTIVE
PULSE
GENERATOR
( NOTE 2 )
-0.25A
0
(-)
(+)
160
o
Tj=25 C
o
Tj=50 C
o
Tj=100 C
SINGLE PHASE HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
8.3 ms Single HalfSine
Wave
NO OF CYCLESAT 60HZ
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
INSTANTANEOUSFORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE,%
FIG . -REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com