Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T2035H Datasheet(PDF) 5 Page - STMicroelectronics

Part # T2035H
Description  Snubberless??high temperature 20 A Triacs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T2035H Datasheet(HTML) 5 Page - STMicroelectronics

  T2035H Datasheet HTML 1Page - STMicroelectronics T2035H Datasheet HTML 2Page - STMicroelectronics T2035H Datasheet HTML 3Page - STMicroelectronics T2035H Datasheet HTML 4Page - STMicroelectronics T2035H Datasheet HTML 5Page - STMicroelectronics T2035H Datasheet HTML 6Page - STMicroelectronics T2035H Datasheet HTML 7Page - STMicroelectronics T2035H Datasheet HTML 8Page - STMicroelectronics T2035H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T2035H Series
Characteristics
5/10
Figure 9.
Relative variation of critical rate of
decrease of main current (di/dt)c vs
reapplied (dV/dt)c
Figure 10. Relative variation of critical rate of
decrease of main current (di/dt)c
versus junction temperature
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
dV/dt (V/µs)
(dI/dt)
c [Tj]/ (dI/dt)c [Tj=125°C]
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
Tj(°C)
Figure 11. Leakage current versus junction
temperature for different values of
blocking voltage (typical values)
Figure 12. Acceptable repetitive peak off-state
voltage versus case-ambient
thermal resistance
Figure 13. D2PAK junction to ambient thermal
resistance versus copper surface
under tab (PCB FR4, copper
thickness 35 µm)
I
DRM/IRRM(mA)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
50
75
100
125
150
V
DRM=VRRM=400 V
V
DRM=VRRM=400 V
V
DRM=VRRM=600 V
V
DRM=VRRM=600 V
V
DRM=VRRM=200 V
V
DRM=VRRM=200 V
Tj(°C)
0
1
2
3
4
5
6
7
8
9
10
300
350
400
450
500
550
600
R
th(c-a)(°C/W)
VDRM/VRRM(V)
Rth(j-c)=1°C/W
TJ=150°C
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
R
th(j-a)(°C/W)
D²PAK
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com