Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLG47004V Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SLG47004V
Description  GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47004V Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SLG47004V Datasheet HTML 24Page - Renesas Technology Corp SLG47004V Datasheet HTML 25Page - Renesas Technology Corp SLG47004V Datasheet HTML 26Page - Renesas Technology Corp SLG47004V Datasheet HTML 27Page - Renesas Technology Corp SLG47004V Datasheet HTML 28Page - Renesas Technology Corp SLG47004V Datasheet HTML 29Page - Renesas Technology Corp SLG47004V Datasheet HTML 30Page - Renesas Technology Corp SLG47004V Datasheet HTML 31Page - Renesas Technology Corp SLG47004V Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 302 page
background image
Datasheet
8-Sep-2022
CFR0011-120-00
Revision 3.0
28 of 301
© 2022 Renesas Electronics Corporation
SLG47004
GreenPAK Programmable Mixed-Signal Matrix
with In-System Programmability and Advanced Analog Features
3.8.1 OSC Power-On Delay
3.9 ACMP CHARACTERISTICS
Table 17: Oscillators Power-On Delay at T = 25 °C, OSC Power Setting: "Auto Power-On"
Power
Supply
Range
(VDD), V
OSC0 2.048 kHz
OSC1 2.048 MHz
OSC2 25 MHz
OSC2 25 MHz
Start with Delay
Typical
Value, µs
Maximum
Value, µs
Typical
Value, ns
Maximum
Value, ns
Typical
Value, ns
Maximum
Value, ns
Typical
Value, ns
Maximum
Value, ns
2.50
492
559
491
500
46
53
145
153
3.30
490
525
489
501
32
37
140
148
4.00
489
509
489
509
26
31
139
146
5.00
488
495
488
530
22
26
138
146
5.50
488
499
487
532
20
24
138
145
Table 18: ACMP Specifications at T = -40 °C to +85 °C, VDD = 2.4 V to 5.5 V Unless Otherwise Noted
Parameter
Description
Conditions
Note
Min
Typ
Max
Unit
VACMP
ACMP Input Voltage
Range
Positive Input
0
--
VDD
V
Negative Input
0
--
VDD
V
Voffset
ACMP Input Offset
ACMPxL, Vhys = 0 mV,
Gain = 1,
Vref = 32 mV to 2048 mV
T = -40 °C to +85 °C
-6.27
--
3.67
mV
T = 25 °C
-5.76
-0.98
3.39
mV
Chopper ACMP Input
Offset
T = -40 °C to +85 °C
-0.24
--
0.49
mV
T = 25 °C
-0.12
0.11
0.39
mV
tstart
ACMP Startup Time
when BG ON
ACMP Power-On delay,
Minimal required wake time
for the "Wake and Sleep
function", for ACMPxL
T = -40 °C to +85 °C
--
51.0
99.6
µs
ACMP Startup Time
when BG OFF
--
1729
2822
µs
Rsin
Series Input
Resistance
Gain = 1x
--
10
--
GΩ
Gain = 0.5x
--
1.6
--
MΩ
Gain = 0.33x
--
1.6
--
MΩ
Gain = 0.25x
--
1.6
--
MΩ
PROP
Propagation Delay,
Response Time
ACMPxL, Vref =1.024 V,
Gain = 1,
Overdrive = 100 mV
Low to High
--
2.59
3.66
µs
High to Low
--
2.80
5.21
µs
ACMPxL,
Vref = 32 mV to 2048 mV,
Gain = 1,
Overdrive = 100 mV
Low to High
--
2.83
5.16
µs
High to Low
--
2.96
7.63
µs
ACMPxL, Vref =1.024 V,
Gain = 1,
Overdrive = 10 mV
Low to High
--
8.18
12.57
µs
High to Low
--
9.14
18.54
µs
ACMPxL,
Vref = 32 mV to 2048 mV,
Gain = 1,
Overdrive = 10 mV
Low to High
--
9.16
21.41
µs
High to Low
--
10.01
32.37
µs
G
Gain Error
G = 1
1
1
1
G = 0.5
0.496
0.5
0.504
G = 0.33
0.331
0.330
0.336
G = 0.25
0.248
0.250
0.253



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com