Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC4560TRAY Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC4560TRAY
Description  Single chip 802.11b/g WLAN radio
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4560TRAY Datasheet(HTML) 6 Page - STMicroelectronics

  STLC4560TRAY Datasheet HTML 1Page - STMicroelectronics STLC4560TRAY Datasheet HTML 2Page - STMicroelectronics STLC4560TRAY Datasheet HTML 3Page - STMicroelectronics STLC4560TRAY Datasheet HTML 4Page - STMicroelectronics STLC4560TRAY Datasheet HTML 5Page - STMicroelectronics STLC4560TRAY Datasheet HTML 6Page - STMicroelectronics STLC4560TRAY Datasheet HTML 7Page - STMicroelectronics STLC4560TRAY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package mechanical data
STLC4560
6/8
Figure 2.
LFBGA240 mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.4
0.055
A1
0.15
0.006
A2
1.065
0.042
A3
0.28
0.011
A4
0.8
0.031
b
0.25
0.3
0.35
0.010
0.012
0.014
D
8.35
8.5
8.65
0.329
0.335
0.341
D1
7.5
0.295
E
7.85
8
8.15
0.309
0.315
0.321
E1
7
0.276
e
0.5
0.020
F
0.5
0.020
ddd
0.08
0.003
eee
0.15
0.006
fff
0.05
0.002
LFBGA240
Low Profile Ball Grid Array
Body: 8.5 x 8 x 1.4mm
7870466 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com