Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FM31278 Datasheet(PDF) 21 Page - Ramtron International Corporation

Part # FM31278
Description  5V Integrated Processor Companion with Memory
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31278 Datasheet(HTML) 21 Page - Ramtron International Corporation

Back Button FM31278 Datasheet HTML 17Page - Ramtron International Corporation FM31278 Datasheet HTML 18Page - Ramtron International Corporation FM31278 Datasheet HTML 19Page - Ramtron International Corporation FM31278 Datasheet HTML 20Page - Ramtron International Corporation FM31278 Datasheet HTML 21Page - Ramtron International Corporation FM31278 Datasheet HTML 22Page - Ramtron International Corporation FM31278 Datasheet HTML 23Page - Ramtron International Corporation FM31278 Datasheet HTML 24Page - Ramtron International Corporation FM31278 Datasheet HTML 25Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
FM31278/276/274/272 - 5V I2C Companion
Rev. 2.0
Dec. 2007
Page 21 of 25
DC Operating Conditions, continued (TA = -40° C to + 85° C, VDD = 4.0V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
RIN
Input Resistance (pulldown)
A1-A0 for VIN = VIL max
A1-A0 for VIN = VIH min
20
1
K
Ω
M
Ω
VPFI
Power Fail Input Reference Voltage
1.175
1.20
1.225
V
VHYS
Power Fail Input (PFI) Hysteresis (Rising)
-
100
mV
Notes
1.
SCL toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
All inputs at VSS or VDD, static. Stop command issued.
3.
VIN or VOUT = VSS to VDD. Does not apply to A0, A1, or /RST pins.
4.
VBAK = 3.0V, VDD < 2.4V, oscillator running, CNT1-2 at VBAK.
5.
/RST is asserted low when VDD < VTP.
6.
The minimum VDD to guarantee the level of /RST remains a valid VOL level.
7.
Full complete operation. Supervisory circuits, RTC, etc operate to lower voltages as specified.
8.
Includes /RST input detection of external reset condition to trigger driving of /RST signal by FM3127x.
9.
The VBAK trickle charger automatically regulates the maximum voltage on this pin for capacitor backup applications.
10. VBAK will source current when trickle charge is enabled (VBC bit=1), VDD > VBAK, and VBAK < VBAK max.
AC Parameters (TA = -40° C to + 85° C, VDD = 4.0V to 5.5V, CL = 100 pF unless otherwise specified)
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
Notes
fSCL
SCL Clock Frequency
0
100
0
400
0
1000
kHz
tLOW
Clock Low Period
4.7
1.3
0.6
µs
tHIGH
Clock High Period
4.0
0.6
0.4
µs
tAA
SCL Low to SDA Data Out Valid
3
0.9
0.55
µs
tBUF
Bus Free Before New Transmission
4.7
1.3
0.5
µs
tHD:STA
Start Condition Hold Time
4.0
0.6
0.25
µs
tSU:STA
Start Condition Setup for Repeated
Start
4.7
0.6
0.25
µs
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:DAT
Data In Setup Time
250
100
100
ns
tR
Input Rise Time
1000
300
300
ns
1
tF
Input Fall Time
300
300
100
ns
1
tSU:STO
Stop Condition Setup Time
4.0
0.6
0.25
µs
tDH
Data Output Hold (from SCL @ VIL)
0
0
0
ns
tSP
Noise Suppression Time Constant
on SCL, SDA
50
50
50
ns
All SCL specifications as well as start and stop conditions apply to both read and write operations.
Capacitance (TA = 25° C, f=1.0 MHz, VDD = 5.0V)
Symbol
Parameter
Typ
Max
Units
Notes
CIO
Input/Output Capacitance
-
8
pF
1
CXTAL
X1, X2 Crystal pin Capacitance
25
-
pF
1, 2
Notes
1
This parameter is characterized but not tested.
2
The crystal attached to the X1/X2 pins must be rated as 12.5pF.
Data Retention (TA = -40° C to + 85° C, VDD = 4.0V to 5.5V)
Parameter
Min
Units
Notes
Data Retention
10
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com