Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPS2102D Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2102D
Description  VAUX POWER-DISTRIBUTION SWITCHES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2102D Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2102D Datasheet HTML 6Page - Texas Instruments TPS2102D Datasheet HTML 7Page - Texas Instruments TPS2102D Datasheet HTML 8Page - Texas Instruments TPS2102D Datasheet HTML 9Page - Texas Instruments TPS2102D Datasheet HTML 10Page - Texas Instruments TPS2102D Datasheet HTML 11Page - Texas Instruments TPS2102D Datasheet HTML 12Page - Texas Instruments TPS2102D Datasheet HTML 13Page - Texas Instruments TPS2102D Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TPS2102, TPS2103
VAUX POWER-DISTRIBUTION SWITCHES
SLVS234A – SEPTEMBER 1999 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IN1 Switch Rise Time
vs Output Current
12
IN2 Switch Fall Time
vs Output Current
13
IN1 Switch Fall Time
vs Output Current
14
IN2 Switch Fall Time
vs Output Current
15
Output Voltage Droop
vs Output Current When Output Is Switched From IN2 to IN1
16
Inrush Current
vs Output Capacitance
17
IN1 Supply Current
vs Junction Temperature (IN1 Enabled)
18
IN1 Supply Current
vs Junction Temperature (IN1 Disabled)
19
IN2 Supply Current
vs Junction Temperature (IN2 Enabled)
20
IN2 Supply Current
vs Junction Temperature (IN2 Disabled)
21
IN1-OUT On-State Resistance
vs Junction Temperature
22
IN2-OUT On-State Resistance
vs Junction Temperature
23
Figure 12
380
340
300
0.01
0.1
1
10
420
IN1 SWITCH RISE TIME
vs
OUTPUT CURRENT
460
100
1000
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 0 V
TJ = 25°C
Figure 13
10
1
0.1
0
10
2030
405060
100
IN2 SWITCH RISE TIME
vs
OUTPUT CURRENT
1000
70
80
90
100
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 3.3 V
TJ = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com