Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FDLL914A Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDLL914A
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDLL914A Datasheet(HTML) 4 Page - ON Semiconductor

  FDLL914A Datasheet HTML 1Page - ON Semiconductor FDLL914A Datasheet HTML 2Page - ON Semiconductor FDLL914A Datasheet HTML 3Page - ON Semiconductor FDLL914A Datasheet HTML 4Page - ON Semiconductor FDLL914A Datasheet HTML 5Page - ON Semiconductor FDLL914A Datasheet HTML 6Page - ON Semiconductor FDLL914A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1N91x, 1N4x48, FDLL914, FDLL4x48
www.onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
0
0.75
0.80
0.85
0.90
T
A = 25
oC
REVERSE VOLTAGE (V)
Figure 7. Total Capacitance
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Ta = 25
oC
Reverse Recovery Current, I rr [mA]
IF = 10mA , IRR = 1.0 mA , Rloop = 100 Ohms
Figure 8. Reverse Recovery Time vs.
Reverse Recovery Current
0
50
100
150
0
100
200
300
400
500
IF(AV) − Average Rectified Current − mA
Ambient Temperature ( oC)
Figure 9. Average Rectified Current (IF(AV))
vs. Ambient Temperature (TA)
Figure 10. Power Derating Curve
0
50
100
200
0
100
200
300
400
500
Temperature (
oC)
150
DO−35 and LL−34 / SOD−80
2
4
6
8
10
12
14



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com