Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT6X1X Datasheet(PDF) 23 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Part # HT6X1X
Description  HT6X1X User Manual
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITREND [Hi-trend Technology (Shanghai) Co., Ltd.]
Direct Link  https://www.hitrendtech.com/
Logo HITREND - Hi-trend Technology (Shanghai) Co., Ltd.

HT6X1X Datasheet(HTML) 23 Page - Hi-trend Technology (Shanghai) Co., Ltd.

Back Button HT6X1X Datasheet HTML 19Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 20Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 21Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 22Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 23Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 24Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 25Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 26Page - Hi-trend Technology (Shanghai) Co., Ltd. HT6X1X Datasheet HTML 27Page - Hi-trend Technology (Shanghai) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 161 page
background image
HT6X1X 用户手册
版权归钜泉光电科技(上海)股份有限公司所有
http://www.hitrendtech.com
Page23 of 161
Rev1.9
FLASHCON = 0x02;
//page erase
M32(prog_address) = prog_data;
//prog_data 可以为任意的数据(32bit),
//prog_address 为需要擦除的 Flash 页内的任意一个地址
while (FLASHCON.BUSY)
//等待 flash 页擦除操作完成,最长 2ms
;
4.
对 128K Code Flash 的全擦除操作流程:
WPREG = 0xA55A;
FLASHLOCK = 0x7A68;
//unlock flash memory
FLASHCON = 0x03;
// mass erase
M32(prog_address) = prog_data;
//prog_data 可以为任意的数据(32bit),
// prog_address 为 128K Flash 的任意地址
while (FLASHCON.BUSY)
//等待 flash 全擦除操作完成,最长 10ms
;
//全擦除会导致用户执行的代码全部被擦除掉
2.4 Flash 控制功能
H6X1X微控制器中Flash 存储器的0FC0H~0FC3H 区域为选项字节区域。当打开电源或从复位状
态重启设备时,设备自动参考选项字节,并设置指定的功能。使用该产品时,必须使用选项字节设置
以下几项功能。
RTC补偿系数自动装载功能
POR/LBOR复位RTC功能
Flash加密功能
Flash 控制功能说明
基地址:
偏移地址:
Flash
地址
Bit7
6
5
4
3
2
1
Bit0
FC1H
FLASH[7:0]
Reset:
1
1
1
1
1
1
1
1
Flash
地址
Bit7
6
5
4
3
2
1
Bit0
FC0H
X
X
X
X
RTCRST
AUTOREL
OAD
X
X
Reset:
1
1
1
1
0
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com