Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL3220 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL3220
Description  USB 3.0 Multi-LUN Memory Card Reader Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL3220 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL3220 Datasheet HTML 7Page - GENESYS LOGIC GL3220 Datasheet HTML 8Page - GENESYS LOGIC GL3220 Datasheet HTML 9Page - GENESYS LOGIC GL3220 Datasheet HTML 10Page - GENESYS LOGIC GL3220 Datasheet HTML 11Page - GENESYS LOGIC GL3220 Datasheet HTML 12Page - GENESYS LOGIC GL3220 Datasheet HTML 13Page - GENESYS LOGIC GL3220 Datasheet HTML 14Page - GENESYS LOGIC GL3220 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
GL3220 Datasheet
© 2016 Genesys Logic, Inc. - All rights reserved.
Page 11
GLI Confidential
O
MS/MSP bus state
S2D0_M2D1
117
B
SD data pin
B
MS/MSP data signal
S2CK_M2D0
118
O
SD clock (SD High Speed Mode, 50MHz max.)
B
MS/MSP data signal
S2CM_M2D2
119
B,pu SD command/response
B
MS/MSP data signal
S2D3_M2D3
120
B
SD data pin
B
MS/MSP data signal
S2D2_M2CK
121
B
SD data pin
O
MS clock
Others
GPIO[7:5]
75,74,73
B
Hardware configuration
PIO[7:4]
125,124,123,122
B
Hardware configuration
SPI_CS
76
O
SPI interface: chip select
SPI_CK
77
O
SPI interface: clock
SPI_DO
78
O
SPI interface: data output
SPI_DI
79
I
SPI interface: data input
TEST
126
I, pd Test mode
RSTZ
127
I, pu System reset, active low
Notation:
Type
O
Output
I
Input
B
Bi-directional
pu
internal pull-up when input
pd
internal pull-down when input
P
Power / Ground
A
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com