Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BTW69 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTW69
Description  SCR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTW69 Datasheet(HTML) 3 Page - STMicroelectronics

  BTW69 Datasheet HTML 1Page - STMicroelectronics BTW69 Datasheet HTML 2Page - STMicroelectronics BTW69 Datasheet HTML 3Page - STMicroelectronics BTW69 Datasheet HTML 4Page - STMicroelectronics BTW69 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fig.3 : Maximum average power dissipation versus
average on-state current (BTW 69 N).
Fig.4 : Correlation between maximum average power
dissipation and maximum allowable temperatures (Tamb
and Tcase) for different thermal resistances heatsink +
contact (BTW 69 N).
Fig.1 : Maximum average power dissipation versus
average on-state current (BTW 69).
Fig.2 : Correlation between maximum average power
dissipation and maximum allowable temperatures (Tamb
and Tcase) for different thermal resistances heatsink +
contact (BTW 69).
Package
IT(RMS)
VDRM /VRRM
Sensitivity Specification
A
V
BTW
BTW 69
(Insulated)
50
200
X
400
X
600
X
800
X
1000
X
1200
X
BTW 69 N
(Uninsulated)
55
600
X
800
X
1000
X
1200
X
BTW 69 (N)
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com