Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM8800 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM8800
Description  Integrated IEEE 802.3af compliant PoE-PD interface and PWM controller with support of external source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8800 Datasheet(HTML) 5 Page - STMicroelectronics

  PM8800 Datasheet HTML 1Page - STMicroelectronics PM8800 Datasheet HTML 2Page - STMicroelectronics PM8800 Datasheet HTML 3Page - STMicroelectronics PM8800 Datasheet HTML 4Page - STMicroelectronics PM8800 Datasheet HTML 5Page - STMicroelectronics PM8800 Datasheet HTML 6Page - STMicroelectronics PM8800 Datasheet HTML 7Page - STMicroelectronics PM8800 Datasheet HTML 8Page - STMicroelectronics PM8800 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PM8800
Pins description and connection diagrams
5/10
6
AUXI_IRL
In-rush current limit and auxiliary source enable pin.
Pulling up this pin to the auxiliary source will change the internal UVLO
settings and allow PD to be powered with voltage lower than nominal
PoE voltages. In this condition inrush current limit is set to default val-
ues. A resistance between this pin and VSS will set the level of inrush
current limit.
7
DCCL
DC Current Limit.
A resistor between DCCL and VSS will set the current limit for the inter-
face section of the PM8800. It can be set to exceed the IEEE802.3af
current limit . Leave the pin open for standard IEEE 802.3af applica-
tions
8
VSS
System low potential input.
9GND
System return for the PWM converter.
It is the drain of the internal hot-swap power MOSFET.
10
GD
Output of the PWM controller. External power MOSFET gate driver out-
put
11
VCC
Output of the internal high voltage regulator.
When the auxiliary transformer winding (if used) raises the voltage on
this pin above the regulation set point, the internal regulator will be
shutdown, reducing the controller power dissipation
12
nPGD
PowerGood, active low
A high to low transition indicates that handshake with the PSE has
been successfully terminated and the SMPS portion of the PM8800 can
be activated
13
CS
Current sense input.
Current sense input for current mode control and over-current protec-
tion. Current limiting is obtained with a dedicated current sense com-
parator. If the CS pin voltage exceeds 0.5V the GD pin switches low for
cycle-by-cycle current limiting. Leading edge blanking is implemented
to mask current spikes.
14
COMP
The output of the error amplifier and input of the Pulse Width Modula-
tor.COMP pull-up is provided by an internal 2.5k
Ω resistor which may
be used to bias an opto-coupler transistor.
15
VFB
Feedback signal.
Inverting input of the internal error amplifier. The non-inverting input is
internally connected to a 1.25V reference.
16
AGND
Analog PWM supply return.
GND for sensitive analog circuitry including the SMPS current limit cir-
cuitry. Must be connected to GND to improve noise immunity.
EP
Exposed Pad.
Connect this to a board plane to improve heat dissipation; must be
electrically connected to VSS
Table 1.
Pin description (continued)
Pin n
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com