Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS8221 Datasheet(PDF) 1 Page - ams AG

Part # AS8221
Description  High Performance Bus Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8221 Datasheet(HTML) 1 Page - ams AG

  AS8221 Datasheet HTML 1Page - ams AG AS8221 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Code: 12643-103-00a
Page 1 of 2
AS8221
High Performance Bus Transceiver
PRODUCT BRIEF
General Description
The AS8221 is a high-speed automotive transceiver for
fault tolerant and high speed applications, operating as
the bi-directional interface between a generic
communication controller and the twisted pair copper
wires. The device enables two-way communications
with the microcontroller with full mode handling,
including the low-power modes.
Package: lead-free SSOP20
Functional Description
Transmission rates up to 10 Mbps as well as the
implemented Bus Guardian interface enables this
transceiver the usage in fault tolerant and hard real-
time
applications
in
the
stringent
automotive
environment.
An extended diagnostic interface, offers advanced bus-
failure detection capabilities with the intelligent
combination of bus-current measurement and logical
comparators. A thermal sensor circuit with an integral
shutdown mechanism prevents damage to the device in
extreme temperature conditions. The symmetrical
transient control for the high- and low-side driver for
both the bus-minus and bus-plus line allows an ideal
balance of communications over different network
topologies, with excellent EMC performance.
Applications
-
FlexRay™ networks
-
High speed automotive bus systems
-
Backbone bus and gateways
-
Safety critical applications
-
X-by-wire systems
-
Redundant bus systems
-
Bus topologies with active stars
Key Features
-
Data transfer up to 10 Mbps
-
Supports 2.5, 3, 3.3, 5 V microcontrollers and
automatically adapts to interface levels
-
Does not disturb the bus line when un-powered
-
Fail silent behaviour
-
Protection against damage due to short circuit
conditions on the bus (positive and negative
battery voltage)
-
Supports 12, 24, 42 V systems with low sleep
current (30 µA)
-
Integrated power management system
o
Two INH pins for the external voltage
o
Local wake-up input via STBN-, WAKE- and
TxD-Pins
o
Remote wake-up capability via FlexRay™ bus
in sleep mode
-
Operating temperature range -40°C to +125°C
-
Compliant with FlexRay™ Electrical Physical Layer
specification
-
Excellent EMC performance
-
High common mode range insure
excellent
signal
integrity
on
diverse bus topologies
-
Bus guardian Interface for optional
bus supervision
-
Automatic
thermal
shutdown
protection


Similar Part No. - AS8221

ManufacturerPart #DatasheetDescription
logo
ams AG
AS8221 AMSCO-AS8221 Datasheet
1Mb / 4P
FlexRay Standard Transceiver
AS8221 AMSCO-AS8221 Datasheet
1Mb / 41P
FlexRay Standard Transceiver
AS8221 AMSCO-AS8221 Datasheet
867Kb / 42P
FlexRay Standard Transceiver
AS8221-ASSP AMSCO-AS8221-ASSP Datasheet
1Mb / 41P
FlexRay Standard Transceiver
AS8221-ASSP AMSCO-AS8221-ASSP Datasheet
867Kb / 42P
FlexRay Standard Transceiver
More results

Similar Description - AS8221

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC623 SLS-SL74HC623 Datasheet
49Kb / 5P
Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
SL74HC640 SLS-SL74HC640 Datasheet
50Kb / 5P
Octal 3-State Inverting Bus Transceiver(High-Performance Silicon-Gate CMOS
SL74HCT245 SLS-SL74HCT245 Datasheet
50Kb / 5P
Octal 3-State Noninverting Bus Transceiver(High-Performance Silicon-Gate CMOS)
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A Datasheet
240Kb / 9P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
Feb-2002
logo
List of Unclassifed Man...
TRA150D-050-5 ETC1-TRA150D-050-5 Datasheet
76Kb / 6P
High Performance ASK Transceiver
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
High Performance Bus Transceivers
logo
KODENSHI_AUK CORP.
KK74HC245A KODENSHI-KK74HC245A Datasheet
232Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
KK74HC640A KODENSHI-KK74HC640A Datasheet
233Kb / 6P
Octal 3-State Inverting Bus Transceiver High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC245A STMICROELECTRONICS-74LVC245A_04 Datasheet
303Kb / 12P
LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (NOT INVERTED) HIGH PERFORMANCE
26-Jul-2004
logo
IK Semicon Co., Ltd
IN74HC245A IKSEMICON-IN74HC245A Datasheet
220Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com