Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL331KDBVR Datasheet(PDF) 11 Page - Texas Instruments

Part # TL331KDBVR
Description  TL331B, TL391B and TL331 Single Comparators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL331KDBVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL331KDBVR Datasheet HTML 7Page - Texas Instruments TL331KDBVR Datasheet HTML 8Page - Texas Instruments TL331KDBVR Datasheet HTML 9Page - Texas Instruments TL331KDBVR Datasheet HTML 10Page - Texas Instruments TL331KDBVR Datasheet HTML 11Page - Texas Instruments TL331KDBVR Datasheet HTML 12Page - Texas Instruments TL331KDBVR Datasheet HTML 13Page - Texas Instruments TL331KDBVR Datasheet HTML 14Page - Texas Instruments TL331KDBVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
5.12 Typical Characteristics (continued)
TA = 25°C, VS = 5V, RPULLUP = 5.1k, CL = 15pF, VCM = 0V, VUNDERDRIVE = 100mV, VOVERDRIVE = 100mV unless otherwise
noted.
Output Sinking Current (A)
10P
100P
1m
10m
100m
1m
10m
100m
1
10
VS = 3V
125°C
85°C
25°C
0°C
-40°C
Figure 5-19. Output Low Voltage vs. Output Sinking Current at
3V
Output Sinking Current (A)
10P
100P
1m
10m
100m
1m
10m
100m
1
10
VS = 5V
125°C
85°C
25°C
0°C
-40°C
Figure 5-20. Output Low Voltage vs. Output Sinking Current at
5V
Output Sinking Current (A)
10P
100P
1m
10m
100m
1m
10m
100m
1
10
VS = 12V
125°C
85°C
25°C
0°C
-40°C
Figure 5-21. Output Low Voltage vs. Output Sinking Current at
12V
Output Sinking Current (A)
10P
100P
1m
10m
100m
1m
10m
100m
1
10
VS = 36V
125°C
85°C
25°C
0°C
-40°C
Figure 5-22. Output Low Voltage vs.Output Sinking Current at
36V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
Output set high
VOUT = VS
Figure 5-23. Output High Leakage Current vs.Temperature at 5V
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
Output set high
VOUT = VS
Figure 5-24. Output High Leakage Current vs. Temperature at
36V
www.ti.com
TL331, TL331B, TL391B
SLVS238L – AUGUST 1999 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TL331 TL331B TL391B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com