Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLP135 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLP135
Description  LAN Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLP135 Datasheet(HTML) 1 Page - Sumida Corporation

  CLP135 Datasheet HTML 1Page - Sumida Corporation CLP135 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAN Transformer< SMD Type: CLP Series>
Type: CLP135
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
15.2mm×13.5mm Typ. (L×W),5.47mm Typ. Height.
Pulse transformer + filter module for LAN 10/100 Base-T(IEEE802.3).
In addition to the typical parameters shown here, custom designs are available.
Feature
10/100Base-T discrete dual port modules or 1000Base-T single port modules.
Ideally used in LAN and PoE-enabled LAN applications, router, Hub, switch, etc.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
5.47
11×0.99=10.89
13.5
0.07
24×0.4
SUMIDA
C25100
DATA
CODE
24-0.64
11×0.99=10.90


Similar Part No. - CLP135

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLP135 SUMIDA-CLP135 Datasheet
68Kb / 1P
LAN pulse transformer for 1000Base-T
CLP135 SUMIDA-CLP135_1 Datasheet
68Kb / 1P
LAN pulse transformer for 1000Base-T
More results

Similar Description - CLP135

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
749010012 WURTH-749010012 Datasheet
169Kb / 3P
LAN-Transformer WE-LAN
749023010A WURTH-749023010A Datasheet
373Kb / 3P
LAN-Transformer WE-LAN
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
LAN-Transformer WE-LAN
749020100A WURTH-749020100A Datasheet
221Kb / 3P
LAN-Transformer WE-LAN
749020111A WURTH-749020111A Datasheet
277Kb / 3P
LAN-Transformer WE-LAN
2016-02-16 Version 03
749020022A WURTH-749020022A Datasheet
300Kb / 3P
LAN-Transformer WE-LAN
2016-09-26 Revision 03
749010012A WURTH-749010012A Datasheet
278Kb / 3P
LAN-Transformer WE-LAN
2015-01-26
749020112B WURTH-749020112B Datasheet
357Kb / 3P
LAN-Transformer WE-LAN
2017-05-24 Revision 01
7490220120 WURTH-7490220120_V01 Datasheet
209Kb / 3P
LAN-Transformer WE-LAN
2018-09-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com