Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CD74ACT04M Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74ACT04M
Description  CDx4ACT04 Hex Inverters
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT04M Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT04M Datasheet HTML 1Page - Texas Instruments CD74ACT04M Datasheet HTML 2Page - Texas Instruments CD74ACT04M Datasheet HTML 3Page - Texas Instruments CD74ACT04M Datasheet HTML 4Page - Texas Instruments CD74ACT04M Datasheet HTML 5Page - Texas Instruments CD74ACT04M Datasheet HTML 6Page - Texas Instruments CD74ACT04M Datasheet HTML 7Page - Texas Instruments CD74ACT04M Datasheet HTML 8Page - Texas Instruments CD74ACT04M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
4.4 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
− 40°C to 85°C
–55°C TO 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VOH
VI = VIH or VIL
IOH = −50 µA
4.5 V
4.4
4.4
4.4
V
IOH = –24 mA
4.5 V
3.94
3.8
3.7
IOH = –50 mA(1)
5.5 V
3.85
IOH = –75 mA(1)
5.5 V
3.85
VOL
VI = VIH or VIL
IOL = 50 µA
4.5 V
0.1
0.1
0.1
V
IOL = 24 mA
4.5 V
0.36
0.44
0.5
IOL = 50 mA(1)
5.5 V
1.65
IOL = 75 mA(1)
5.5 V
1.65
II
VI = VCC or GND
5.5 V
± 0.1
± 0.1
± 0.1
µA
ICC
VI = VCC or GND
IO = 0
5.5 V
4
40
80
µA
∆ICC
VI = VCC – 2.1 V
4.5 V to
5.5 V
2.4
2.8
3
mA
Ci
10
10
10
pF
Table 4-1. Act Input Load Table
INPUT
UNIT LOAD
A
0.18
(1)
Unit load is ∆ICC limit specified in electrical characteristics table
(e.g., 2.4 mA at 25°C).
4.5 Switching Characteristics
over operating free-air temperature range VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Load Circuit and
Voltage Wave Forms)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
− 40°C TO 85°C
–55°C TO 125°C
UNIT
MIN
MAX
MIN
MAX
tPLH
A
Y
2.4
8.5
2.3
9.3
ns
tPHL
2.4
8.5
2.3
9.3
4.6 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
105
pF
www.ti.com
CD54ACT04, CD74ACT04
SCHS310D – JANUARY 2001 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD54ACT04 CD74ACT04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com