Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST10F271Z1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10F271Z1
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271Z1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10F271Z1 Datasheet HTML 36Page - STMicroelectronics ST10F271Z1 Datasheet HTML 37Page - STMicroelectronics ST10F271Z1 Datasheet HTML 38Page - STMicroelectronics ST10F271Z1 Datasheet HTML 39Page - STMicroelectronics ST10F271Z1 Datasheet HTML 40Page - STMicroelectronics ST10F271Z1 Datasheet HTML 41Page - STMicroelectronics ST10F271Z1 Datasheet HTML 42Page - STMicroelectronics ST10F271Z1 Datasheet HTML 43Page - STMicroelectronics ST10F271Z1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 185 page
background image
Internal Flash memory
ST10F271Z1
40/185
Then the operation can be resumed in the following way:
FCR0H
|= 0x0800;
/*Set SER in FCR0H*/
FCR0H
|= 0x8000;
/*Operation resume*/
Before resuming a suspended erase, FCR1H/FCR1L must be read to check if the erase is
already completed (FCR1H = FCR1L = 0x0000 if erase is complete). Original setup of select
operation bits in FCR0H/L must be restored before the operation resume, otherwise the
operation is aborted and bit RESER of FER is set.
Erase suspend, program and resume
A sector erase operation can be suspended in order to program (word or double word)
another sector.
Example: sector erase of sector B0F1 of IFlash module.
FCR0H
|= 0x0800;
/*Set SER in FCR0H*/
FCR1L
|= 0x0002;
/*Set B0F1*/
FCR0H
|= 0x8000;
/*Operation start*/
Example: sector erase suspend.
FCR0H
|= 0x4000;
/*Set SUSP in FCR0H*/
do
/*Loop to wait for LOCK=0 and WMS=0*/
{tmp1
= FCR0L;
tmp2
= FCR0H;
} while ((tmp1 && 0x0010) || (tmp2 && 0x8000));
Example: word program of data 0x5555AAAA at address 0x045554 in IFlash module.
FCR0H
&= 0xBFFF;
/*Rst SUSP in FCR0H*/
FCR0H|= 0x2000;/*Set WPG in FCR0H*/
FARL
= 0x5554;
/*Load Add in FARL*/
FARH
= 0x0004;
/*Load Add in FARH*/
FDR0L
= 0xAAAA;
/*Load Data in FDR0L*/
FDR0H
= 0x5555;
/*Load Data in FDR0H*/
FCR0H
|= 0x8000;
/*Operation start*/
Once the program operation is finished, the erase operation can be resumed in the following
way:
FCR0H|= 0x0800;/*Set SER in FCR0H*/
FCR0H|= 0x8000;/*Operation resume*/
Notice that during the program operation in erase suspend, bits SER and SUSP are low. A
word or double word program during erase suspend cannot be suspended.
In summary:
A sector erase can be suspended by setting SUSP bit.
To perform a word program operation during erase suspend, firstly bits SUSP and SER
must be reset, then bit WPG and WMS can be set.
To resume the sector erase operation bit SER must be set again.
In any case it is forbidden to start any write operation with SUSP bit already set.
Set protection
Example 1: Enable write protection of sectors B0F3-0 of bank 0 in IFlash module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com