Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM1831 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM1831
Description  Voltage detector with sense input and external delay capacitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1831 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM1831 Datasheet HTML 9Page - STMicroelectronics STM1831 Datasheet HTML 10Page - STMicroelectronics STM1831 Datasheet HTML 11Page - STMicroelectronics STM1831 Datasheet HTML 12Page - STMicroelectronics STM1831 Datasheet HTML 13Page - STMicroelectronics STM1831 Datasheet HTML 14Page - STMicroelectronics STM1831 Datasheet HTML 15Page - STMicroelectronics STM1831 Datasheet HTML 16Page - STMicroelectronics STM1831 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
STM1831
Typical operating characteristics
Doc ID 18180 Rev 1
13/24
Figure 14.
Output current vs. supply voltage, VSEN = 0 V, VRST = 0.5 V
Figure 15.
Relative delay resistance vs. ambient temperature, VCC = 5 V, VSEN = 6 V,
VCD = 0 V
0
5
10
15
20
25
30
35
40
01
234
5
6
Supply voltage, VCC (V)
TA = -40 °C
TA = 25 °C
TA = 85 °C
AM04973v1
0.70
0.80
0.90
1.00
1.10
1.20
1.30
-40
-20
0
20
40
60
80
Ambient temperature, TA (°C)
AM04974v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com