Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32G030K8 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32G030K8
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G030K8 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32G030K8 Datasheet HTML 40Page - STMicroelectronics STM32G030K8 Datasheet HTML 41Page - STMicroelectronics STM32G030K8 Datasheet HTML 42Page - STMicroelectronics STM32G030K8 Datasheet HTML 43Page - STMicroelectronics STM32G030K8 Datasheet HTML 44Page - STMicroelectronics STM32G030K8 Datasheet HTML 45Page - STMicroelectronics STM32G030K8 Datasheet HTML 46Page - STMicroelectronics STM32G030K8 Datasheet HTML 47Page - STMicroelectronics STM32G030K8 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
Electrical characteristics
STM32G030x6/x8
44/94
DS12991 Rev 1
Table 25. Current consumption in Run and Low-power run modes
at different die temperatures
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
General
fHCLK
Fetch
from(2)
25°C 85°C 25°C 85°C
IDD(Run)
Supply
current in Run
mode
Range 1;
PLL enabled;
fHCLK = fHSI bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
64 MHz
Flash
memory
5.7
5.9
8.0
8.3
mA
56 MHz
5.1
5.2
7.1
7.1
48 MHz
4.6
4.7
5.7
6.0
32 MHz
3.2
3.3
4.6
4.9
24 MHz
2.5
2.6
3.5
3.8
16 MHz
1.6
1.7
2.5
2.9
64 MHz
SRAM
4.7
4.8
7.2
7.5
56 MHz
4.2
4.3
6.5
6.7
48 MHz
3.7
3.9
5.7
6.0
32 MHz
2.6
2.7
4.1
4.3
24 MHz
2.0
2.1
3.2
3.5
16 MHz
1.3
1.3
2.3
2.4
Range 2;
PLL enabled;
fHCLK = fHSI bypass
(≤16 MHz),
fHCLK = fPLLRCLK
(>16 MHz);
(3)
16 MHz
Flash
memory
1.3
1.3
2.0
2.3
8 MHz
0.7
0.8
1.4
1.5
2 MHz
0.3
0.3
0.6
0.9
16 MHz
SRAM
1.1
1.1
1.9
2.1
8 MHz
0.6
0.6
1.2
1.4
2 MHz
0.2
0.3
0.6
0.9
IDD(LPRun)
Supply
current in
Low-power
run mode
PLL disabled;
fHCLK = fHSE bypass
(> 32 kHz),
fHCLK = fLSE bypass
(= 32 kHz);
(3)
2 MHz
Flash
memory
182
226
570
790
µA
1 MHz
99
132
480
700
500 kHz
58
89
430
630
125 kHz
25
56
370
600
32 kHz
17
47
330
480
2 MHz
SRAM
161
191
550
800
1 MHz
91
114
470
750
500 kHz
48
81
410
710
125 kHz
21
51
360
500
32 kHz
15
37
310
400
1. Based on characterization results, not tested in production.
2. Prefetch and cache enabled when fetching from Flash
3. VDD = 3.0 V for values in Typ columns and 3.6 V for values in Max columns, all peripherals disabled, cache enabled,
prefetch disabled for code and data fetch from Flash and enabled from SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com