Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BUL903ED Datasheet(PDF) 2 Page - STMicroelectronics

Part # BUL903ED
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL903ED Datasheet(HTML) 2 Page - STMicroelectronics

  BUL903ED Datasheet HTML 1Page - STMicroelectronics BUL903ED Datasheet HTML 2Page - STMicroelectronics BUL903ED Datasheet HTML 3Page - STMicroelectronics BUL903ED Datasheet HTML 4Page - STMicroelectronics BUL903ED Datasheet HTML 5Page - STMicroelectronics BUL903ED Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-Case
Max
Thermal Resistance Junction-Ambient
Max
1. 8
62. 5
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collect or Cut-off
Current (VBE =0)
VCE =900 V
1
mA
IEBO
Base-Emitt er Leakage
Current
VEB =7 V
100
µA
VCEO(sus)
Collect or-Emitter
Sustaining Voltage
(IB =0)
IC =10 mA
L =25 mH
400
V
VCE(sat)
∗ Collector-Emitter
Saturat ion Voltage
IC =1 A
IB =0.15 A
1.0
V
VBE(s at)
∗ Base-Emitter
Saturat ion Voltage
IC =0.1 A
IB =0.05 A
IC =0. 5 A
IB =0.1 A
IC =2.0 A
IB =0.4 A
1.0
1.1
1.2
V
V
V
hFE
∗
DC Current G ain
IC =5 mA
VCE =10 V
IC =0. 5 A
VCE =3 V
8
20
VF
Parallel Diode Forward
Voltage
IF =3 A
1.2
V
td
tr
ts
tf
RESI STIVE LO AD
Delay Time
Rise Time
St orage Time
Fall T ime
VCC =125 V
IC =0.7 A
IB1 =0.05 A
IB2 =0.4 A
tp =300
µs
0.2
1.0
0.8
0.25
µs
µs
µs
µs
td
tr
ts
tf
RESI STIVE LO AD
Delay Time
Rise Time
St orage Time
Fall T ime
VCC =125 V
IC =0.5 A
IB1 = 0.045 A
IB2 =0.5 A
tp =300
µs
0.2
0.5
0.8
0.5
µs
µs
µs
µs
TRR
Diode Reverse
Recovery Time
IF =1 A
di/dt =100 A/
µs
VDD =30 V
300
ns
Esb
Avalanche Energy
L = 2 mH
6
mJ
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
BUL903ED
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com