Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CF0 Datasheet(PDF) 5 Page - YAGEO Corporation

Part # CF0
Description  CARBON FILM RESISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CF0 Datasheet(HTML) 5 Page - YAGEO Corporation

  CF0 Datasheet HTML 1Page - YAGEO Corporation CF0 Datasheet HTML 2Page - YAGEO Corporation CF0 Datasheet HTML 3Page - YAGEO Corporation CF0 Datasheet HTML 4Page - YAGEO Corporation CF0 Datasheet HTML 5Page - YAGEO Corporation CF0 Datasheet HTML 6Page - YAGEO Corporation CF0 Datasheet HTML 7Page - YAGEO Corporation CF0 Datasheet HTML 8Page - YAGEO Corporation CF0 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.yageo.com
Apr. 03, 2024
V.2
Carbon Film Resistors
5
12
Product Specification
CF0
Through Hole Resistors
AXIAL / REEL TAPE SPECIFICATION
Unit: mm
Miniature
a
A
B1-B2 (Max.)
S (spacing)
T (max. deviation of spacing)
CF0204
6 ± 0.5
52.4 ± 1.5
1.2
5
1 mm per 10 spacing,
0.5 mm per 5 spacing
26.0 ± 1.5
1
CF0207
6 ± 0.5
52.4 ± 1.5
1.2
5
26.0 ± 1.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com