Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

JANMS318110CLL Datasheet(PDF) 17 Page - Amphenol PCD, Inc

Part # JANMS318110CLL
Description  QPL ACCESSORIES & DUST CAPS
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

JANMS318110CLL Datasheet(HTML) 17 Page - Amphenol PCD, Inc

Back Button JANMS318110CLL Datasheet HTML 13Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 14Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 15Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 16Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 17Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 18Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 19Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 20Page - Amphenol PCD, Inc JANMS318110CLL Datasheet HTML 21Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Visit
amphenolpcd.com for more information
17
D-SUB BACKSHELL
M85049
/48-2
-3
F
SERIES
SLASH NUMBER
DASH NUMBER
BASE MATERIAL
D-Sub Backshell
Table A
F: Cadmium Yellow Passivation
N: Electroless Nickel
TABLE A
Dash Number
Part Number
# of Pins
A
B
C
D
E
Cadmium Yellow
Passivation
Electroless
Nickel
Std. Density High Density
inch
mm
inch
mm
inch
mm
inch
mm
inch
mm
1
M85049/48-2-1F
M85049/48-2-1N
9
15
1.223
1.193
31.06
30.30
.515
.485
13.08
12.32
.989
.979
25.12
24.87
0.406
10.31
.676
.646
17.17
16.41
2
M85049/48-2-2F
M85049/48-2-2N
15
26
1.546
1.516
39.26
38.51
.515
.485
13.08
12.32
1.317
1.307
33.45
33.20
0.406
10.31
999
.969
25.37
24.61
3
M85049/48-2-3F
M85049/48-2-3N
25
44
2.093
2.063
53.16
52.40
.515
.485
13.08
12.32
1.857
1.847
47.17
46.91
0.593
15.06
1.530
1.500
38.86
38.10
4
M85049/48-2-4F
M85049/48-2-4N
37
62
2.733
2.703
69.42
68.66
.515
.485
13.08
12.32
2.505
2.495
63.63
63.37
0.718
18.24
2.186
2.156
55.52
54.76
5
M85049/48-2-5F
M85049/48-2-5N
50
78
2.640
2.610
67.06
66.29
.624
.594
15.85
15.09
2.411
2.401
61.24
60.99
0.812
20.62
2.108
2.078
53.54
52.78
TABLE A
Dash Number
Part Number
# of Pins
F
G
H
L
Cadmium Yellow
Passivation
Electroless
Nickel
+/-.031; +/-0.78
Std. Density High Density
inch
mm
inch
mm
inch
mm
inch
mm
1
M85049/48-2-1F
M85049/48-2-1N
9
15
.140
.110
3.56
2.79
1.061
1.001
26.95
25.43
.359
.329
9.12
8.36
0.375
9.53
2
M85049/48-2-2F
M85049/48-2-2N
15
26
.140
.110
3.56
2.79
1.061
1.001
26.95
25.43
.359
.329
9.12
8.36
0.375
9.53
3
M85049/48-2-3F
M85049/48-2-3N
25
44
.202
.172
5.13
4.37
1.092
1.032
27.74
26.21
.359
.329
9.12
8.36
0.375
9.53
4
M85049/48-2-4F
M85049/48-2-4N
37
62
.265
.235
6.73
5.97
1.092
1.032
27.74
26.21
.359
.329
9.12
8.36
0.500
12.70
5
M85049/48-2-5F
M85049/48-2-5N
50
78
.327
.297
8.31
7.54
1.092
1.032
27.74
26.21
.453
.423
11.51
10.74
0.625
15.88
BACKSHELL ACCESSORIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com