Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP5036 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP5036
Description  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5036 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP5036 Datasheet HTML 17Page - Texas Instruments LP5036 Datasheet HTML 18Page - Texas Instruments LP5036 Datasheet HTML 19Page - Texas Instruments LP5036 Datasheet HTML 20Page - Texas Instruments LP5036 Datasheet HTML 21Page - Texas Instruments LP5036 Datasheet HTML 22Page - Texas Instruments LP5036 Datasheet HTML 23Page - Texas Instruments LP5036 Datasheet HTML 24Page - Texas Instruments LP5036 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
21
LP5030, LP5036
www.ti.com
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Programming (continued)
There is one exception to the acknowledge-after-every-byte rule. When the master is the receiver, it must
indicate to the transmitter an end of data by not acknowledging (negative acknowledge) the last byte clocked out
of the slave. This negative acknowledge still includes the acknowledge clock pulse (generated by the master),
but the SDA line is not pulled down.
After the START condition, the bus master sends a chip address. This address is seven bits long followed by an
eighth bit, which is a data direction bit (READ or WRITE). For the eighth bit, a 0 indicates a WRITE, and a 1
indicates a READ. The second byte selects the register to which the data is written. The third byte contains data
to write to the selected register.
Figure 18. Acknowledge and Not Acknowledge on I2C Bus
8.5.1.4 I2C Slave Addressing
The device slave address is defined by connecting GND or VCC to the ADDR0 and ADDR1 pins. A total of four
independent slave addresses can be realized by combinations when GND or VCC is connected to the ADDR0
and ADDR1 pins (see Table 2 and Table 3).
The device responds to a broadcast slave address regardless of the setting of the ADDR0 and ADDR1 pins.
Global writes to the broadcast address can be used for configuring all devices simultaneously. The device
supports global read using a broadcast address; however, the data read is only valid if all devices on the I2C bus
contain the same value in the addressed register.
Table 2. Slave-Address Combinations
ADDR1
ADDR0
SLAVE ADDRESS
INDEPENDENT
BROADCAST
GND
GND
011 0000
001 1100
GND
VCC
011 0001
VCC
GND
011 0010
VCC
VCC
011 0011
Table 3. Chip Address
SLAVE ADDRESS
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Independent
0
1
1
0
0
ADDR1
ADDR0
1 or 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com