Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LPV511 Datasheet(PDF) 16 Page - Texas Instruments

Part # LPV511
Description  LPV511 Micropower, Rail-to-Rail Input and Output Operational Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPV511 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LPV511 Datasheet HTML 12Page - Texas Instruments LPV511 Datasheet HTML 13Page - Texas Instruments LPV511 Datasheet HTML 14Page - Texas Instruments LPV511 Datasheet HTML 15Page - Texas Instruments LPV511 Datasheet HTML 16Page - Texas Instruments LPV511 Datasheet HTML 17Page - Texas Instruments LPV511 Datasheet HTML 18Page - Texas Instruments LPV511 Datasheet HTML 19Page - Texas Instruments LPV511 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
+
±
Load
+
-
Q1
2N3906
VOUT
ICHARGE
V
+
0.2
Ÿ
RSENSE
R1
2
NŸ
2
NŸ
R2
10
NŸ
R3
Copyright © 2016, Texas Instruments Incorporated
3
SENSE R
OUT
CHARGE
CHARGE
1
R
V
I
1
I
R
u
u
: u
16
LPV511
SNOSAG7D – AUGUST 2005 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LPV511
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LPV511 is fabricated with Texas Instrument's state-of-the-art VIP50C process.
8.2 Typical Applications
8.2.1 Battery Current Sensing
The rail-to-rail common mode input range and the very low quiescent current make the LPV511 ideal to use in
high-side and low-side battery current sensing applications. The high-side current sensing circuit in Figure 28 is
commonly used in a battery charger to monitor the charging current to prevent over charging. A sense resistor
RSENSE is connected to the battery directly.
Figure 28. High Side Current Sensing
8.2.1.1 Design Requirements
The high-side current-sensing circuit (Figure 28) is commonly used in a battery charger to monitor charging
current to prevent overcharging. A sense resistor RSENSE is connected to the battery directly. This system
requires an op amp with rail-to-rail input. The LPV511 ideal for this application because its common-mode input
range extends up to the positive supply.
8.2.1.2 Detailed Design Procedure
As seen in Figure 28, the ICHARGE current flowing through sense resistor RSENSE develops a voltage drop equal to
VSENSE. The voltage at the negative sense point will now be less than the positive sense point by an amount
proportional to the VSENSE voltage.
The low-bias currents of the LPV511 cause little voltage drop through R2, so the negative input of the LPV551
amplifier is at essentially the same potential as the negative sense input.
The LPV511 will detect this voltage error between its inputs and servo the transistor base to conduct more
current through Q1, increasing the voltage drop across R1 until the LPV511 inverting input matches the
noninverting input. At this point, the voltage drop across R1 now matches VSENSE.
IG, a current proportional to ICHARGE, will flow according to the following relation to:
IG = VRSENSE / R1 = ( RSENSE × ICHARGE ) / R1
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com