Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STMPE1601TBR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 1 Page - STMicroelectronics

  STMPE1601TBR Datasheet HTML 1Page - STMicroelectronics STMPE1601TBR Datasheet HTML 2Page - STMicroelectronics STMPE1601TBR Datasheet HTML 3Page - STMicroelectronics STMPE1601TBR Datasheet HTML 4Page - STMicroelectronics STMPE1601TBR Datasheet HTML 5Page - STMicroelectronics STMPE1601TBR Datasheet HTML 6Page - STMicroelectronics STMPE1601TBR Datasheet HTML 7Page - STMicroelectronics STMPE1601TBR Datasheet HTML 8Page - STMicroelectronics STMPE1601TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2008
Rev 1
1/58
58
STMPE1601
16-bit enhanced port expander with keypad and PWM controller
Xpander Logic
Features
■ 16 GPIOs
(8 operate at core supply VCC , 8 operate at IO
supply Vio)
■ Operating voltage 1.8
−3.3 V
■ Hardware keypad controller (8*8 matrix with 4
optional dedicated keys max)
■ Keypad controller capable of detecting key-
press in hibernation mode
■ 4 basic PWM controller for LED brightness
control
■ Interrupt output (open drain) pin
■ Optional 32 kHz clock input
■ 8-channel programmable level translator
■ Advanced power management system
■ Ultra-low standby-mode current
■ Package TFBGA25 (3 x 3 mm)
Description
The STMPE1601 is a GPIO (general purpose
input/output) port expander able to interface a
main digital ASIC via the two-line bidirectional bus
(I2C). A separate GPIO expander IC is often used
in mobile multimedia platforms to solve the
problems of the limited number of GPIOs typically
available on the digital engine.
The STMPE1601 offers great flexibility, as each
I/O can be configured as input, output or specific
functions. The device is able to scan a keyboard,
also provides PWM outputs for brightness control
in backlight, and GPIO. This device has been
designed to include very low quiescent current,
and a wake-up feature for each I/O, to optimize
the power consumption of the IC.
Potential applications of the STMPE1601 include
portable media players, game consoles, mobile
and smart phones.
TFBGA25
Table 1.
Device summary
Order code
Package
Packaging
STMPE1601TBR
TFBGA25
Tape and reel
www.st.com


Similar Part No. - STMPE1601TBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1601TBR STMICROELECTRONICS-STMPE1601TBR Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
More results

Similar Description - STMPE1601TBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
29-May-2007
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
8-bit port expander Xpander logic
02-Jul-2007
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
8-bit Xpander Logic??with touchkey controller
10-Jun-2008
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
16-bit enhanced port expander with keypad and PWM controller Xpander Logic
02-Jun-2008
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
08-Jun-2007
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
11-Nov-2009
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
Xpander Logic™ 18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
STMPE1600 STMICROELECTRONICS-STMPE1600 Datasheet
280Kb / 27P
16-bit port expander with ultra-low power consumption Xpander Logic?
05-Feb-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com