Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS3150RL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS3150RL
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150RL Datasheet(HTML) 2 Page - STMicroelectronics

  STPS3150RL Datasheet HTML 1Page - STMicroelectronics STPS3150RL Datasheet HTML 2Page - STMicroelectronics STPS3150RL Datasheet HTML 3Page - STMicroelectronics STPS3150RL Datasheet HTML 4Page - STMicroelectronics STPS3150RL Datasheet HTML 5Page - STMicroelectronics STPS3150RL Datasheet HTML 6Page - STMicroelectronics STPS3150RL Datasheet HTML 7Page - STMicroelectronics STPS3150RL Datasheet HTML 8Page - STMicroelectronics STPS3150RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS3150
2/10
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.59 x IF(AV) + 0.023 IF
2
(RMS)
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMB flat
10
° C/W
SMB
20
Lead length = 10 mm
DO-201AD
15
Table 3.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25° C
VR = VRRM
0.4
2.0
µA
Tj = 125° C
0.6
2.0
mA
VF
(2)
Forward voltage drop
Tj = 25° C
IF = 3 A
0.78
0.82
V
Tj = 125° C
0.63
0.67
Tj = 25° C
IF = 6 A
0.85
0.89
Tj = 125° C
0.70
0.75
1.
tp = 5 ms, δ < 2%
2.
tp = 380 µs, δ < 2%
Figure 1.
Average forward power
dissipation versus average
forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
(DO-201AD / SMB)
P
(W)
F(AV)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.05
δ = 0.1
δ = 0.2
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
175
T
δ=tp/T
tp
T
(°C)
amb
R
=75°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
DO-201AD
SMB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com