Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDCU877BZQLT Datasheet(PDF) 3 Page - Seme LAB

Part # CDCU877BZQLT
Description  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

CDCU877BZQLT Datasheet(HTML) 3 Page - Seme LAB

  CDCU877BZQLT Datasheet HTML 1Page - Seme LAB CDCU877BZQLT Datasheet HTML 2Page - Seme LAB CDCU877BZQLT Datasheet HTML 3Page - Seme LAB CDCU877BZQLT Datasheet HTML 4Page - Seme LAB CDCU877BZQLT Datasheet HTML 5Page - Seme LAB CDCU877BZQLT Datasheet HTML 6Page - Seme LAB CDCU877BZQLT Datasheet HTML 7Page - Seme LAB CDCU877BZQLT Datasheet HTML 8Page - Seme LAB CDCU877BZQLT Datasheet HTML 9Page - Seme LAB Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.ti.com
CDCU877B
1.8-V PHASE LOCK LOOP CLOCK DRIVER
SCAS801B – JUNE 2005 – REVISED JULY 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
G1
Analog ground
AVDD
H1
Analog power
CK
E1
I
Clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
CK
F1
I
Complementary clock input with a (10 k
Ω to 100 kΩ) pulldown resistor
FBIN
E6
I
Feedback clock input
FBIN
F6
I
Complementary feedback clock input
FBOUT
H6
O
Feedback clock output
FBOUT
G6
O
Complementary feedback clock output
OE
F5
I
Output enable (asynchronous)
OS
D5
I
Output select (tied to GND or VDD)
B2, B3, B4, B5, C2,
GND
C5, H2, H5, J2, J3, J4,
Ground
J5
D2, D3, D4, E2, E5,
VDDQ
Logic and output power
F2, G2, G3, G4, G5
A2, A1, D1, J1, K3, A5,
Y[0:9]
O
Clock outputs
A6, D6, J6, K4
A3, B1, C1, K1, K2,
Y[0:9]
O
Complementary clock outputs
A4, B6, C6, K6, K5
FUNCTION TABLE
INPUTS
OUTPUTS
AVDD
OE
OS
CK
CK
Y
Y
FBOUT
FBOUT
PLL
GND
H
X
L
H
L
H
L
H
Bypassed/Off
GND
H
X
H
L
H
L
H
L
Bypassed/Off
GND
L
H
L
H
LZ
LZ
L
H
Bypassed/Off
LZ
LZ
GND
L
L
H
L
H
L
Bypassed/Off
Y7 Active
Y7 Active
1.8 V Nominal
L
H
L
H
LZ
LZ
L
H
On
LZ
LZ
1.8 V Nominal
L
L
H
L
H
L
On
Y7 Active
Y7 Active
1.8 V Nominal
H
X
L
H
L
H
L
H
On
1.8 V Nominal
H
X
H
L
H
L
H
L
On
1.8 V Nominal
X
X
L
L
LZ
LZ
LZ
LZ
Off
X
X
X
H
H
Reserved
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com