Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS514 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS514
Description  Precision quad operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS514 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS514 Datasheet HTML 8Page - STMicroelectronics TS514 Datasheet HTML 9Page - STMicroelectronics TS514 Datasheet HTML 10Page - STMicroelectronics TS514 Datasheet HTML 11Page - STMicroelectronics TS514 Datasheet HTML 12Page - STMicroelectronics TS514 Datasheet HTML 13Page - STMicroelectronics TS514 Datasheet HTML 14Page - STMicroelectronics TS514 Datasheet HTML 15Page - STMicroelectronics TS514 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DocID5050 Rev 6
15/16
TS514
Revision history
16
6
Revision history
Table 6. Document revision history
Date
Revision
Changes
09-Mar-2001
1
Initial release.
23-Jun-2005
2
Automotive grade part references inserted in the datasheet (see
Chapter 5: Ordering information on page 14).
30-Sep-2005
3
– The following changes were made in this revision.
– – An error in the device description was corrected on page 1.
– – Chapter 5: Ordering information on page 14 updated with
complete list of markings.
– – Addition of supplementary data in Table 1: Absolute maximum
ratings on page 2.
– – Addition of Table 2: Operating conditions on page 2.
– – Reorganization of Chapter 4: Package information on page 11.
– – Minor grammatical and formatting changes throughout.
24-Oct-2008
4
Added performance AC and DC characteristic curves for VCC=6 V,
VCC=10 V and VCC=30 V in Chapter 3: Electrical characteristics.
Modified ICC typ, added parameters over temperature in Table 3.
Deleted old macromodel.
Added Rthjc, Rthja in Table 1.
Corrected Vi and Vid AMR values in Table 1.
Added input common mode range Vicm in Table 2: Operating
conditions.
Updated Section 4.1: DIP14 package information and Section 4.2:
SO-14 package information
12-Sep-2012
5
Updated Features (removed “macromodel”).
Updated CMR and SVR test conditions in Table 3.
Updated ECOPACK text in Section 4.
Removed TS514IYD, TS514IYDT, TS514AIYD, and TS514AIYDT
order code from Table 6.
Minor corrections throughout document.
07-Nov-2024
6
Removed obsolete part numbers.
Updated Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com