Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7266 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7266
Description  7 7 W dual bridge amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7266 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7266 Datasheet HTML 1Page - STMicroelectronics TDA7266 Datasheet HTML 2Page - STMicroelectronics TDA7266 Datasheet HTML 3Page - STMicroelectronics TDA7266 Datasheet HTML 4Page - STMicroelectronics TDA7266 Datasheet HTML 5Page - STMicroelectronics TDA7266 Datasheet HTML 6Page - STMicroelectronics TDA7266 Datasheet HTML 7Page - STMicroelectronics TDA7266 Datasheet HTML 8Page - STMicroelectronics TDA7266 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Block diagram
Figure 1. Block and application diagram
1
2
4
Vref
7
Y
B
-
T
S
IN1
0.22µF
VCC
13
3
+
-
-
+
OUT1+
OUT1-
15
14
12
6
E
T
U
M
IN2
0.22µF
+
-
-
+
OUT2+
OUT2-
8
9
S-GND
PW-GND
470µF
100nF
TDA7266
Block diagram
DS0184 - Rev 11
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com