Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7295 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7295
Description  80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7295 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7295 Datasheet HTML 1Page - STMicroelectronics TDA7295 Datasheet HTML 2Page - STMicroelectronics TDA7295 Datasheet HTML 3Page - STMicroelectronics TDA7295 Datasheet HTML 4Page - STMicroelectronics TDA7295 Datasheet HTML 5Page - STMicroelectronics TDA7295 Datasheet HTML 6Page - STMicroelectronics TDA7295 Datasheet HTML 7Page - STMicroelectronics TDA7295 Datasheet HTML 8Page - STMicroelectronics TDA7295 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TDA7295
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
VERY HIGH OPERATING VOLTAGE RANGE
(
±40V)
DMOS POWER STAGE
HIGH OUTPUT POWER (UP TO 80W MUSIC
POWER)
MUTING/STAND-BY FUNCTIONS
NO SWITCH ON/OFF NOISE
NO BOUCHEROT CELLS
VERY LOW DISTORTION
VERY LOW NOISE
SHORT CIRCUIT PROTECTION
THERMAL SHUTDOWN
DESCRIPTION
The TDA7295 is a monolithic integrated circuit in
Multiwatt15 package, intended for use as audio
class AB amplifier in Hi-Fi field applications
(Home Stereo, self powered loudspeakers, Top-
class TV). Thanks to the wide voltage range and
to the high out current capability it is able to sup-
ply the highest power into both 4
Ω and 8Ω loads
even in presence of poor supply regulation, with
high Supply Voltage Rejection.
The built in muting function with turn on delay
simplifies the remote operation avoiding switching
on-off noises.
April 2003
®
IN-
2
R2
680
Ω
C2
22
µF
C1 470nF
IN+
R1 22K
R6
2.7
Ω
C10
100nF
3
R3 22K
-
+
MUTE
STBY
4
VM
VSTBY
10
9
IN+MUTE
MUTE
STBY
R4 22K
THERMAL
SHUTDOWN
S/C
PROTECTION
R5 10K
C3 10
µF
C4 10
µF
1
STBY-GND
C5
22
µF
713
14
6
15
8
-Vs
-PWVs
BOOT-
STRAP
OUT
+PWVs
+Vs
C9 100nF
C8 1000
µF
-Vs
D93AU011
+Vs
C7 100nF
C6 1000
µF
Note: The Boucherot cell R6, C10, normally not necessary for a stable operation it could
be needed in presence of particular load impedances at VS <±25V.
Figure 1: Typical Application and Test Circuit
Multiwatt 15
ORDERING NUMBER: TDA7295
MULTIPOWER BCD TECHNOLOGY
1/13


Similar Part No. - TDA7295

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7295 STMICROELECTRONICS-TDA7295 Datasheet
221Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jul-1999
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295SV STMICROELECTRONICS-TDA7295SV Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295V STMICROELECTRONICS-TDA7295V Datasheet
221Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jul-1999
More results

Similar Description - TDA7295

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295 STMICROELECTRONICS-TDA7295 Datasheet
221Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jul-1999
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com