Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7449 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7449
Description  Digital tone control audio processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7449_V01 Datasheet HTML 3Page - STMicroelectronics TDA7449_V01 Datasheet HTML 4Page - STMicroelectronics TDA7449_V01 Datasheet HTML 5Page - STMicroelectronics TDA7449_V01 Datasheet HTML 6Page - STMicroelectronics TDA7449_V01 Datasheet HTML 7Page - STMicroelectronics TDA7449_V01 Datasheet HTML 8Page - STMicroelectronics TDA7449_V01 Datasheet HTML 9Page - STMicroelectronics TDA7449_V01 Datasheet HTML 10Page - STMicroelectronics TDA7449_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID006317 Rev 5
7/21
TDA7449
Application recommendations
21
3
Application recommendations
The first and the last stages are volume control blocks. The control range is 0 to -47 dB
(mute) for the first one and 0 to -79 dB (mute) for the last one. Both of them have 1 dB step
resolution. The very high resolution allows the implementation of systems free from any
noisy acoustical effect. The TDA7449 audio processor provides dual-band tone control.
Typical responses are shown in Figure 5 through 9.
3.1
Bass stage
The bass cell has an internal resistor Ri = 25 k
 typical. Several filter types can be
implemented, connecting external components to the bass IN and OUT pins. Figure 4 refers
to a basic T-type bandpass filter. The filter component values R1 internal FC, the gain AV at
max. boost and the filter Q factor are calculated as given below.
Figure 4. T bandpass filter
Once the FC, AV, and Ri internal values are fixed, the external component values will be:
3.2
Treble stage
The treble stage is a high-pass filter whose time constant is fixed by an internal resistor
(25 k
 typical) and an external capacitor connected between the treble pins and ground.
3.3
CREF
The recommended 10 μF reference capacitor (CREF) value can be reduced to 4.7 μF if the
application requires faster power ON.
Ri internal
C2
OUT
IN
C1
R2
D95AU313
FC
1
2
R1 R2 C1 C2


-----------------------------------------------------------------
=
AV
R2C2 R2C1 RiC1
++
R2C1 R2C2
+
------------------------------------------------------------
=
Q
R1 R2 C1 C2

R2C1 R2C2
+
-------------------------------------------------
=
C1
AV 1
–
2
 Fc Ri Q

------------------------------------------
C2
Q
2 C1
AV 1
–
Q
2
–
------------------------------
=
=
R2
AV 1
–
Q
2
–
2
 C1 Fc A
V
1
–
 Q


----------------------------------------------------------------------
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com