Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9733XP Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9733XP
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9733XP Datasheet HTML 2Page - STMicroelectronics L9733XP Datasheet HTML 3Page - STMicroelectronics L9733XP Datasheet HTML 4Page - STMicroelectronics L9733XP Datasheet HTML 5Page - STMicroelectronics L9733XP Datasheet HTML 6Page - STMicroelectronics L9733XP Datasheet HTML 7Page - STMicroelectronics L9733XP Datasheet HTML 8Page - STMicroelectronics L9733XP Datasheet HTML 9Page - STMicroelectronics L9733XP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Pin description
L9733
6/35
DocID11319 Rev 12
1
Pin description
Figure 1. Pin connection (top view)
Table 2. Pin description
N°
Pin
Function
1
VDD
5 Volt supply input
2
SCLK SPI serial clock input
3
CS
SPI chip select (active low)
4
SRC1 Source pin of configurable driver #1 (0.7 Ω Rdson @ +25 °C)
5
DRN1 Drain pin of configurable driver #1(0.7 Ω Rdson @ +25 °C)
6
DRN2 Drain pin of configurable driver #2 (0.7 Ω Rdson @ +25 °C)
7
SRC2 Source pin of configurable driver #2 (0.7 Ω Rdson @ +25 °C)
8
SRC3 Source pin of configurable driver #3 (0.7 Ω Rdson @ +25 °C)
9
DRN3 Drain pin of configurable driver #3 (0.7 Ω Rdson @ +25 °C)
10
DRN4 Drain pin of configurable driver #4 (0.7 Ω Rdson @ +25 °C)
11
SRC4 Source pin of configurable driver #4 (0.7 Ω Rdson @ +25 °C)
12
IN6
Discrete input used to PWM output driver #6
13
IN7
Discrete input used to PWM output driver #7
14
Vbat
Battery supply voltage
15
GND
Analog ground
16
IN8
Discrete input used to PWM output driver #8
17
RES
Reset input (active low)
18
SRC5 Source pin of configurable driver #5 (0.7 Ω Rdson @ +25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com