Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2902WDT Datasheet(PDF) 10 Page - STMicroelectronics

Part # LM2902WDT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902WDT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LM2902WDT Datasheet HTML 6Page - STMicroelectronics LM2902WDT Datasheet HTML 7Page - STMicroelectronics LM2902WDT Datasheet HTML 8Page - STMicroelectronics LM2902WDT Datasheet HTML 9Page - STMicroelectronics LM2902WDT Datasheet HTML 10Page - STMicroelectronics LM2902WDT Datasheet HTML 11Page - STMicroelectronics LM2902WDT Datasheet HTML 12Page - STMicroelectronics LM2902WDT Datasheet HTML 13Page - STMicroelectronics LM2902WDT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Figure 21. Bode diagram at - 40 °C
100
1k
10k
100k
1M
−60
−40
−20
0
20
40
60
−360
−330
−300
−270
−240
−210
−180
−150
−120
−90
−60
−30
0
Frequency (Hz)
Gain
Phase
Vcc=5V, Rload=2kΩ, Cload=100pF, T=-40°C
Vicm=Vout=Vload=Vcc/2
Figure 22. Phase margin vs. capacitive load
100
1000
10000
-10
-5
0
5
10
15
20
25
30
35
Vcc=5V, Vicm=Vcc/2, Rl=2k
W, T=25°C
Cload (pF)
Rl connected to Vcc/2
Rl connected to Vcc-
LM2902W
Electrical characteristic curves
DS3575 - Rev 11
page 10/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com