Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L5959 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5959
Description  Multifunction voltage regulator for car radio
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5959 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5959 Datasheet HTML 7Page - STMicroelectronics L5959 Datasheet HTML 8Page - STMicroelectronics L5959 Datasheet HTML 9Page - STMicroelectronics L5959 Datasheet HTML 10Page - STMicroelectronics L5959 Datasheet HTML 11Page - STMicroelectronics L5959 Datasheet HTML 12Page - STMicroelectronics L5959 Datasheet HTML 13Page - STMicroelectronics L5959 Datasheet HTML 14Page - STMicroelectronics L5959 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
L5959
Electrical specification
11/19
ISTG
HSD1 short to ground current
VHSD1=0V
240
300
400
mA
ISTB
HSD1 short to VBAT current
VHSD1=VBAT
2
10
mA
I
Q(VBAT)
HSD1 bias current change
IHSD1 = 0 to 100 mA;
Measure change in VBAT
current
0.15
10
mA
TSEN
HSD1 thermal shutdown
IHSD1 = 500 µA; Increase Ta
until HSD1 disabled
150
190
°C
tdon
Turn-on delay;
IHSD1= 10mA
10
50
110
µs
tdoff
Turn-off delay,
IHSD1= 100 mA
70
110
µs
tr
Rise time
10% to 90%,
IHSD1 = 10mA
35
75
µs
HIGH SIDE DRIVER2
VdropSW
Drop voltage HDS2
Idc = 300mA
0.2
0.6
V
Idc =450mA, t=5S
0.3
1.2
V
ISTG
HSD2 short to ground current
VHSD2=0V
0.55
0.75
1
A
ISTB
HSD2 short to VBAT current
VHSD2=VBAT
3.5
10
mA
I
Q(VBAT)
HSD2 bias current change
IHSD2 = 0 to 300 mA;
Measure change in VBAT
current
0.15
10
mA
TSEN
HSD2 thermal shutdown
IHSD2 = 500 µA; Increase Ta
until HSD2 disabled
150
190
°C
tdon
Turn-on delay;
IHSD2= 10mA
10
45
110
µs
tdoff
Turn-off delay,
IHSD2= 300 mA
70
110
µs
tr
Rise time
10% to 90%,
IHSD2 = 10mA
30
75
µs
RST (open collector output)
VTH
VSTBY reset threshold
Force VSTBY low until RST*
asserted
0.93 *
VSTBY
0.95 *
VSTBY
0.97 *
VSTBY
V
VHYS
Hysteresis of reset on rising
VSTBY
10
50
200
mV
trRST
Rise time
10% to 90%,
RRST= 47 k,
CRST = 50 pF
20
30
µs
tfRST
Fall time
90% to 10%,RRST= 47 k,
CRST = 50 pF
300
1000
ns
VIH_RSTDLY RSTDLY input voltage threshold Verify RST is de asserted
2.5
2.75
3.5
V
ISRC
RSTDLY current
RSTDLY = 0 VDC
6
8.5
12
µA
Table 5.
Electrical characteristics (continued)
(VS = 14.4V; Tamb = 25°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com