Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9301 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 5Page - STMicroelectronics L9301 Datasheet HTML 6Page - STMicroelectronics L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
DS11400 Rev 9
9/54
L9301
Electrical specifications
53
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
A suitable device to clamp the voltage during ‘load dump’ event to a value ≤35 V must be
present at application level.
3.2
ESD protection
Table 3. Absolute maximum ratings
Symbol
Parameter
Value [DC voltage]
Unit
VB
Supply voltage
-0.3 to 35
V
VDD, VDD_I/O
Stabilized supply
voltage
-0.3 to 18((1)
1. Short to 18 V for 100 h max.
V
VCS, VSCK, VMOSI,
VMISO, VEN, VIN1-8,
VRES
Logic input/output
voltage range
-0.3 to 18(1)
V
OUT1-8
-
-1 to VCL
V
SRC1-4
-
-1 to VB
V
DRN1-4
-
-1 to VCL
V
CP
-
-0.3 to (VB+CP_DELTA)
V
GND
-
-0.3 to +0.3
V
Table 4. ESD protection
Parameter
Value
Unit
ESD according to Human Body Model (HBM), Q100-002 for pins
(1); (100 pF/1.5 kΩ)
1. VB, DRN1-4, SRC1-4, OUT1-8.
±4000
V
ESD according to Human Body Model (HBM), Q100-002 for all
other pins; (100 pF/1.5 kΩ)
±2000
V
ESD according to Charged Device Model (CDM), Q100- 011
Corner pins
±750
V
ESD according to Charged Device Model (CDM), Q100-011 Non-
corner pins
±500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com