Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9347LF Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9347LF
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347LF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9347LF Datasheet HTML 4Page - STMicroelectronics L9347LF Datasheet HTML 5Page - STMicroelectronics L9347LF Datasheet HTML 6Page - STMicroelectronics L9347LF Datasheet HTML 7Page - STMicroelectronics L9347LF Datasheet HTML 8Page - STMicroelectronics L9347LF Datasheet HTML 9Page - STMicroelectronics L9347LF Datasheet HTML 10Page - STMicroelectronics L9347LF Datasheet HTML 11Page - STMicroelectronics L9347LF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical specifications
L9347
8/29
2
Electrical specifications
Table 3.
Electrical characteristcs:
(Vs = 4.8 to 18V; Tj = -40 to 150°C unless otherwise specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power supply
ISON
Supply current
VS  18V
(outputs ON)
5mA
ISOFF
Quiescent current
VS  18V
(outputs OFF)
5mA
Icc
Supply current VCC (analog supply)
VCC =5V
5
mA
Idd
Supply current VDD (digital supply)
VDD =5V fCLK=0Hz
5
uA
Idd
Supply current VDD (digital supply)
VDD =5V fCLK=250kHz
5
mA
General diagnostic functions
VQU
Open load voltage
VS  6.5V
(outputs OFF)
0.3
0.33
0.36
x VQ
VthGND
Signal-GND-loss threshold
VCC= 5V
0.1
1
V
VthPGL
Power-GND-loss threshold
VCC= 5V
1.5
2.5
3.5
V
fCLK,min
Clock frequency error
10
100
kHz
DCCLKe_low Clock duty cycle error detection low
fCLK= 250 kHz
33,3
45
%
DCCLKe_high Clock duty cycle error detection high
fCLK= 250 kHz
55
66,6
%
VSloss
Supply detection
VCC = VDD = 5V
2
4.5
V
Additional diagnostic functions channel 1 and channel 2 (non regulated channels)
IQU1,2
Open-load current channel 1, 2
VS  6.5V
50
140
mA
IQO1,2
Over-load current channel 1, 2
VS  6.5V
5
7.5
9
A
Additional diagnostic functions channel 3 and channel 4 (regulated channels)
DCOUT
Output duty cycle range
filtered with 10ms
10
90
%
IQO3,4
Overload current
channel 3,4
VS  6.5V
2.5
5
8
A
Vrerr
Recirculation error shutdown
threshold (open D3/D4)
Iout > 50mA
45
50
60
V
PWMdOUT
Output PWM ratio during drift
comparison
VIN3 = VIN4 = PWMIN
VTEST = H
-14.3
+14.3
%
Digital inputs (IN1 to IN4, ENA, CLK, TEST). The valid PWM-Ratio for IN3/IN4 is 10% to 90%
VIL
Input low voltage
-0.3
1
V
VIH
Input high voltage
2
6
V
VIHy
Input voltage hysteresis (1)
20
500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com