Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9616 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9616
Description  Automotive high speed CAN bus transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9616 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9616 Datasheet HTML 4Page - STMicroelectronics L9616 Datasheet HTML 5Page - STMicroelectronics L9616 Datasheet HTML 6Page - STMicroelectronics L9616 Datasheet HTML 7Page - STMicroelectronics L9616 Datasheet HTML 8Page - STMicroelectronics L9616 Datasheet HTML 9Page - STMicroelectronics L9616 Datasheet HTML 10Page - STMicroelectronics L9616 Datasheet HTML 11Page - STMicroelectronics L9616 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Electrical specifications
L9616
8/17
DocID7425 Rev 3
VASC
ASC input voltage for high
speed
-0
-
0.1
VS
-
ASC input voltage for low speed -
0.9
VS
-VS
-
IASC
ASC input current
VASC = VS
25
-
275
μA
VASC = 0 V
-2
0
2
μA
VC_H, VC_L
Bus voltage recessive
Recessive
0.4
VS 0.5 VS 0.6 VS
-
IC_H, IC_L
Leakage current recessive
VC_L = VC_H = -2 to 7 V
-0.7
-
0.7
mA
VC_L = VC_H = 1 to 4 V
-0.3
-
0.3
mA
RIN(C_H, C_L) Input resistance
Recessive
5
-
50
RDiff(C_H, C_L) Differential input resistance
Recessive
10
-
100
VDiff = VC_H -
V C_L
Differential output voltage
Dominant,
RA
1.5
-
3
V
Recessive
-500
0
50
mV
td
Short circuit detection time
C_H to C_L; C_H to B
RCS < 1 Ω
15
10
s
IA
Supply current in case of short
circuit, C_H to C_L, C_H to B
(time = td)
-
-
150
-
mA
VC_Lmax
Overvoltage protection
threshold on C_L
-7
8
10
V
Receive section
VRXO
RXO high level output voltage
VDiff < 0.5 V; IRXO = 0.3 mA;
VC_H = -2 to 7 V; VC_L = -2
to 7 V;
0.9 VS
-Vs
V
-
RXO low level output voltage
VDiff > 0.9 V; IRXO = 1 mA;
VC_H = -2 to 7 V; VC_L = -2
to 7 V;
-
-
0.5
V
VS = VC_H -
VC_L
Input signal threshold
VC_H = -2 to 7 V; VC_L = -2
to 7 V
500
700
900
mV
VCOM = (VC_H
+ VC_L)/2
Input common mode voltage
range
--2
-
7
V
VHYS
Differential input hysteresis
-
-
150
-
mV
REFERENCE OUTPUT
VRX1
Reference voltage
IRX1 = 0
0.45
VS
0.5 VS
0.55
VS
V
RRX1
Output resistance
-
2
-
9
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com