Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9663 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 1 Page - STMicroelectronics

  L9663 Datasheet HTML 1Page - STMicroelectronics L9663 Datasheet HTML 2Page - STMicroelectronics L9663 Datasheet HTML 3Page - STMicroelectronics L9663 Datasheet HTML 4Page - STMicroelectronics L9663 Datasheet HTML 5Page - STMicroelectronics L9663 Datasheet HTML 6Page - STMicroelectronics L9663 Datasheet HTML 7Page - STMicroelectronics L9663 Datasheet HTML 8Page - STMicroelectronics L9663 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 106 page
background image
This is information on a product in full production.
April 2024
DS11401 Rev 6
1/106
L9663
Automotive PSI5 Transceiver IC
Datasheet
- production data
Features
 AEC-Q100 qualified
 2-channel PSI5 transceiver compatible with
rev. 1.3 and rev. 2.x
 Manchester coded digital data transmission
 High data transmission speed of 125 kbps
(optional 83.3 kbps and 189 kbps)
 High EMC robustness and low emission
 Bootstrap circuits for sync pulses
 Current limitation and voltage clamp on
interface pins
 Integrated charge pump stage for pre-
regulation with spread spectrum approach
 Integrated FLL module for high accuracy timing
control
 Reverse voltage protection structure
 Short to ground tolerant with ±1.5 V ground
shift
 32-bit SPI interface with address multiplexing
 Operating voltage: VB = 4.8 V (5.2 V for sync
pulses with 3.5 V step) to 35 V
 Ambient temperature range: -40°C to 140 °C
 Package: VFQFPN28 or TQFP32EP
Description
The Peripheral Sensor Interface (PSI5) is an
interface for automotive sensor applications. PSI5
is an open standard based on existing sensor
interfaces for peripheral sensors and offers a
universal and flexible solution for multiple sensor
applications.
The PSI5 interface allows asynchronous or
synchronous operations and different bus modes.
The device is compatible with both v1.3 and v2.x
PSI5 revisions (limitations are specified inside this
document). It operates with a wide range of
sensor supply current and variable data word
length (8 to 28 bit).
The sensors are connected to the ECU using the
same line for power supply and data
transmission. The transceiver IC provides a pre-
regulated voltage to the sensors and reads in the
transmitted sensor data.
The PSI5 interface allows either point to point
connection or bussed mode.
GADG2202171507PS
VFQFPN28
GAPG1610150829PS
TQFP32
(Exposed pad down)
Table 1. Device summary
Order code
Package
Packing
L9663
TQFP32 (Exposed pad)
Tray
L9663-TR
Tape & Reel
L9663-1
VFQFPN28
Tray
L9663-TR-1
Tape & Reel
www.st.com


Similar Part No. - L9663

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663-1 STMICROELECTRONICS-L9663-1 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663-TR STMICROELECTRONICS-L9663-TR Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663-TR-1 STMICROELECTRONICS-L9663-TR-1 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
More results

Similar Description - L9663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2333T SANYO-LA2333T Datasheet
190Kb / 5P
Monolithic Linear IC Automotive LAN Transceiver IC
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
logo
ELMOS Semiconductor AG
E521.40 ELMOS-E521.40 Datasheet
1Mb / 84P
Transceiver compliant with PSI5 standard v1.3 and v2.1
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com