Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9907 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9907
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9907_V01 Datasheet HTML 35Page - STMicroelectronics L9907_V01 Datasheet HTML 36Page - STMicroelectronics L9907_V01 Datasheet HTML 37Page - STMicroelectronics L9907_V01 Datasheet HTML 38Page - STMicroelectronics L9907_V01 Datasheet HTML 39Page - STMicroelectronics L9907_V01 Datasheet HTML 40Page - STMicroelectronics L9907_V01 Datasheet HTML 41Page - STMicroelectronics L9907_V01 Datasheet HTML 42Page - STMicroelectronics L9907_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DS11800 Rev 5
39/49
L9907
SPI operation
48
drivers are restarted by cycling EN signal (internal AND of EN1 and EN2 pins)
from high to low to high. A SPI diagnostic read cycle clears the SPI diagnostic flag
and releases the FS_FLAG pin to high.
e)
UV_LS (B6). Low-side FET drivers supply under-voltage
The voltage difference between the low-side gate driver supply pin VCAP and
each of the low-side FET sources are monitored. In case VCAP is lower than
VG_UV_LS threshold for a time longer than tUV_UG, then a low-side under-
voltage fault is detected and internally latched. The low-side FET drivers supply
under-voltage is active if the fault condition is present at least on one of the three
channels.
In case of detected fault, the FET drivers are disabled, the proper SPI bit is set
and the FS_FLAG is asserted low. After removal of the fault condition, the FET
drivers are restarted by cycling EN signal (internal AND of EN1 and EN2 pins)
from high to low to high. A SPI diagnostic read cycle clears the SPI diagnostic flag
and releases the FS_FLAG pin to high.
f)
VSC_HS1 to VSC_HS3 (B5 to B3). High-side external MOSFET over-current
The voltage difference between the high-side external power drain (VDH) and the
source (SHS1-2-3) is monitored and, if it exceeds VSC_HS threshold for a time
longer than TSCoff, then a high-side short circuit fault is detected and internally
latched.
In case of detected fault, all FET drivers are disabled, the proper SPI bit is set and
the FS_FLAG is asserted low. After removal of the fault condition, the FET drivers
are restarted by cycling EN signal (internal AND of EN1 and EN2 pins) from high
to low to high. A SPI diagnostic read cycle clears the SPI diagnostic flag and
releases the FS_FLAG pin to high.
g)
VSC_LS1 to VSC_LS3 (B2 to B0). Low-side external MOSFET over-current
The voltage difference between low-side external power drain (SHS1-2-3) and
source (SLS1-2-3) is monitored and, if it exceeds the VSC_LS threshold for a time
longer than TSCoff, then a low-side short circuit fault is detected and internally
latched.
In case of detected fault, all FET drivers are disabled, the proper SPI bit is set and
the FS_FLAG is asserted low. After removal of the fault condition, the FET drivers
are restarted by cycling the EN signal (internal AND of EN1 and EN2 pins) from
high to low to high. A SPI diagnostic read cycle clears the SPI diagnostic flag and
releases the FS_FLAG pin to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com