Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9935 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 5Page - STMicroelectronics L9935 Datasheet HTML 6Page - STMicroelectronics L9935 Datasheet HTML 7Page - STMicroelectronics L9935 Datasheet HTML 8Page - STMicroelectronics L9935 Datasheet HTML 9Page - STMicroelectronics L9935 Datasheet HTML 10Page - STMicroelectronics L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
L9935
Electrical specifications
Doc ID 5198 Rev 10
9/29
3.3
Electrical characteristics
8 V
 V
S  24 V; -40 °C  Tj  150 °C; 4.5 V  VCC  5.5 V, unless otherwise specified.
Parameters are tested at 125 °C. Values at 140 °C are guaranteed by design and
correlation.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Supply
IS85
Total supply current IS+ IVCC
(both bridges Off)
VS = 14 V; EN = HIGH;
TJ  85 °C
-
40
100
A
ISOP
Operating supply current
IOUT Ai/Bi = 0; fOSC = 30 kHz
VS = 14 V
-4.5
-
mA
ICC
5 V supply current
EN = LOW
-
1.4
10
mA
Full bridges
ROUT, Sink
RDSON of sink transistors
Current bit
-
0.4
0.7
ROUT, Source RDSON of source transistors
combinations LL, LH, VS 12 V
-
0.4
0.7
ROUT8, Sink
RDSON of sink transistors +
RDSON of source transistors
Current bit combinations LL,
LH, VS = 8V
-1.6
3
VFWD
Forward voltage of the DMOS
body diodes
EN = HIGH; IFWD = 1 A;
VS 12 V
-
1
1.4
V
VREV
Reverse DMOS voltage
EN = LOW IREV = 1 A
-
0.5
0.9
V
tr, tf
Rise and fall time of outputs
OUTAi/Bi
0.1...0.9 VOUTVS= 14 V
Chopping 550 mA
0.3
0.6
1.5
s
Switch Off threshold of the chopper (R1  R2 = 0.33 )
VSRHL
Voltage drops across R1  R2
(1)
(Voltage at Pin SRA or SRB vs.
GND)
Bit 5, 2 = H; Bit 4, 1 = L
12
20
35
mV
VSRLH
Bit 5, 2 = L; Bit 4, 1 = H
160
180
210
mV
VSRLL
Bit 5, 4, 2, 1 = L
270
300
340
mV
Enable input EN
VEN High
High input voltage
-
VCC -
1.2V
--
V
VENlow
Low input voltage
-
-
-
1.2
V
VEN Hyst
Enable hysteresis
-
0.1
-
-
V
IEN High
High input current
VHigh = VCC
-10
0
10
A
IEN Low
Low input current
VLOW = 0V
-3
-10
-30
A
Logic inputs SDI. SCK, CSN
VHIGH
High input voltage
EN = LOW
2.6
8
V
VLOW
Low input voltage
-0.3
1
V
VHyst
Hysteresis
0.8
1.2
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com