Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN772KPTR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VN772KPTR-E
Description  Quad smart power solid state relay for complete H-bridge configurations
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN772KPTR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN772KPTR-E Datasheet HTML 9Page - STMicroelectronics VN772KPTR-E Datasheet HTML 10Page - STMicroelectronics VN772KPTR-E Datasheet HTML 11Page - STMicroelectronics VN772KPTR-E Datasheet HTML 12Page - STMicroelectronics VN772KPTR-E Datasheet HTML 13Page - STMicroelectronics VN772KPTR-E Datasheet HTML 14Page - STMicroelectronics VN772KPTR-E Datasheet HTML 15Page - STMicroelectronics VN772KPTR-E Datasheet HTML 16Page - STMicroelectronics VN772KPTR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
DocID022022 Rev 3
13/34
VN772KP-E
Electrical specifications
33
-40 °C < Tj < 150 °C, unless otherwise specified.
2.5
Dual high-side switch timing data
Figure 3. Switching time waveforms
Table 17. Protections
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
Ilim
Drain current limit
VIN = 5 V; VDS = 13 V
6
9
12
A
VIN = 5 V; VDS = 13 V; Tj = 125°C
6.5
12
A
tdlim
Step response current
limit
VIN = 5 V; VDS = 13 V
4
µs
Tjsh
Overtemperature
shutdown
150
175
°C
Tjrs
Overtemperature reset
135
°C
Igf
Fault sink current
VIN = 5 V; VDS = 13 V; Tj = Tjsh
15
mA
Eas
Single pulse avalanche
energy
Starting Tj = 25 °C; VDD = 24 V;
VIN = 5 V; Rgen = RIN MIN = 150 Ω;
L = 24 mH
200
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com