Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3367GR-P Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP3367GR-P
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR-P Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP3367GR-P Datasheet HTML 18Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 19Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 20Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 21Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 22Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 23Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 24Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 25Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 26Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
23
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
LED Current Setting
The LED current amplitude is set by an external
resistor connected from ISET to GND. The LED
current amplitude setting is determined with
Equation (4):
ISET
1245
ILED(mA)
R
(k )
(4)
Where RISET = 24.9kΩ, and the LED current is
50mA.
Switching Frequency
The switching frequency can be programmed
with a resistor, I2C interface, or external clock. To
program the frequency using an external resistor
on FREQ/SYNC, the switching frequency follows
Equation (5):
SW
OSC
22000
f (kHz)
R
(k )
(5)
For ROSC = 44.2kΩ, the switching frequency is set
to 500kHz.
Synchronize the switching frequency with an
external clock to improve EMI, efficiency, and
thermal performance.
If setting the switching frequency bit (fSW1:0), 00:
200kHz; 01: 400kHz; 10: 1MHz; 11: 2.2MHz.
Float FREQ if the fSW1:0 bit is used.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients. For
most applications, a 10
μF ceramic capacitor is
sufficient.
Selecting the Inductor
The MP3367 requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A higher value inductor results in
less ripple current, lower peak inductor current,
and less stress on the internal N-channel
MOSFET. However, it also has a larger physical
size,
higher
series
resistance,
and
lower
saturation current.
Choose an inductor that does not saturate under
worst-case load conditions. Select the minimum
inductor value to ensure that the boost converter
works in continuous conduction mode with high
efficiency and good EMI performance.
Calculate the required inductance value using
Equation (6) and Equation (7):
 

2
OUT
SW
LOAD
η V
D (1 D)
L
2
f
I
(6)

IN
OUT
V
D1
V
(7)
Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
With the given inductor value, the inductor DC
current rating is at least 40% greater than the
maximum input peak inductor current for most
applications. The
inductor
’s DC resistance
should be as small as possible for higher
efficiency.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors
with X7R dielectrics are recommended for their
low ESR characteristics. For most applications,
a 10
μF ceramic capacitor is sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com