Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3367GR Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3367GR
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3367GR Datasheet HTML 3Page - Monolithic Power Systems MP3367GR Datasheet HTML 4Page - Monolithic Power Systems MP3367GR Datasheet HTML 5Page - Monolithic Power Systems MP3367GR Datasheet HTML 6Page - Monolithic Power Systems MP3367GR Datasheet HTML 7Page - Monolithic Power Systems MP3367GR Datasheet HTML 8Page - Monolithic Power Systems MP3367GR Datasheet HTML 9Page - Monolithic Power Systems MP3367GR Datasheet HTML 10Page - Monolithic Power Systems MP3367GR Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
7
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Operating input voltage
VIN
3.5
36
V
Supply current (quiescent)
IQ
No switching
5
mA
Supply current (shutdown)
IST
VEN = 0V, VIN = 12V
1
μA
Input UVLO threshold
VIN_UVLO
Rising edge
3.1
V
Input UVLO hysteresis
100
mV
LDO output voltage
VCC
VEN = 2V, 6V < VIN < 24V,
0 < IVCC < 10mA
5
V
EN on threshold
VEN_ON
VEN rising
1.2
V
EN off threshold
VEN_OFF
VEN falling
0.4
V
EN pull-down resistance
REN
1
MΩ
Step-Up Converter
Low-side MOSFET on
resistance
RDS_LS
VIN = 12V
100
m
Ω
SW leakage current
ISW_LK
VSW = 45V
1
μA
Switching frequency
fSW
RFREQ = 10k
Ω
1.98
2.2
2.42
MHz
RFREQ = 40k
Ω
495
550
605
kHz
FSW1:0 = 01, FREQ float
340
400
460
kHz
FREQ voltage
VFREQ
0.57
0.6
0.63
V
FSP pull-up current
IFSP
18
μA
Maximum duty cycle
DMAX
fSW = 1MHz
90
%
Cycle-by-cycle current limit
ISW_LIMIT TJ = 25°C, duty = 90%
2.6
A
Current limit protection
ICL
To trigger current limit
protection
7.5
A
SYNC input low threshold
VSYNC_LO VSYNC falling
0.4
V
SYNC input high threshold
VSYNC_HI VSYNC rising
1.2
V
PSE active threshold
VPSE
Phase shift enabled
0.75
0.9
1.0
V
COMP trans-conductance
GCOMP
ΔICOMP ≤ 10μA
100
μA/V
COMP source current limit
ICOMP_SO
90
μA
COMP sink current limit
ICOMP_SI
30
μA
Current Dimming
DIM input low threshold
VDIM_LO
VDIM falling
0.4
V
DIM input high threshold
VDIM_HI
VDIM rising
1.2
V
MIX/AD input low threshold
VMIX_LO
Mix dimming threshold
0.3
V
MIX/AD input middle
threshold
VMIX_MID PWM dimming threshold
0.5
0.8
V
MIX/AD input high threshold
VMIX_HI
Analog dimming threshold
1.0
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com