Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INA209 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA209
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA209 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA209 Datasheet HTML 2Page - Texas Instruments INA209 Datasheet HTML 3Page - Texas Instruments INA209 Datasheet HTML 4Page - Texas Instruments INA209 Datasheet HTML 5Page - Texas Instruments INA209 Datasheet HTML 6Page - Texas Instruments INA209 Datasheet HTML 7Page - Texas Instruments INA209 Datasheet HTML 8Page - Texas Instruments INA209 Datasheet HTML 9Page - Texas Instruments INA209 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
at TA = 25°C, VS = 3.3V, VIN+ = 12V, VSHUNT = (VIN+) – (VIN–) = 0mV, and VBUS = VIN– = 12V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent current
350
450
μA
Power-down mode
0.5
2
Power-on reset threshold
2
V
(1)
RTI = Referred-to-input.
(2)
Input leakage is positive (current flows into the pin) for the conditions shown at the top of this table. Negative leakage currents can
occur under different input conditions.
(3)
SMBus timeouts in the INA3221 reset the interface whenever SCL is low for more than 28ms.
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com