Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

INA302A2IPWR Datasheet(PDF) 21 Page - Texas Instruments

Part # INA302A2IPWR
Description  INA30x 36-V, Overcurrent Protection, Precision, Current-Sense Amplifiers With Dual Integrated Comparators
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA302A2IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA302A2IPWR Datasheet HTML 17Page - Texas Instruments INA302A2IPWR Datasheet HTML 18Page - Texas Instruments INA302A2IPWR Datasheet HTML 19Page - Texas Instruments INA302A2IPWR Datasheet HTML 20Page - Texas Instruments INA302A2IPWR Datasheet HTML 21Page - Texas Instruments INA302A2IPWR Datasheet HTML 22Page - Texas Instruments INA302A2IPWR Datasheet HTML 23Page - Texas Instruments INA302A2IPWR Datasheet HTML 24Page - Texas Instruments INA302A2IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21
INA302, INA303
www.ti.com
SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019
Product Folder Links: INA302 INA303
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Alert Operating Modes
Each comparator has two output operating modes: transparent and latched. These modes determine how the
ALERTx pins respond when an out-of-range condition is removed. The device is placed into either transparent or
latched state based on the voltage applied to the corresponding LATCHx pin, as shown in Table 1.
Table 1. Output Mode Settings
OUTPUT MODE
LATCHx PINS SETTINGS
ALERTx transparent mode
LATCHx = low
ALERTx latch mode
LATCHx = high
7.4.1.1 Transparent Output Mode
The comparators are set to transparent output mode when the corresponding LATCHx pin is pulled low. When
set to transparent mode, the output of the comparators changes and follows the input signal with respect to the
programmed alert threshold. For example, when the amplifier output violates the set limit value, the ALERTx
output pin is pulled low. As soon as the differential input signal drops to less than the alert threshold, the output
returns to the default high output state. A common implementation using the device in transparent mode is to
connect the ALERTx pins to a hardware interrupt input on a microcontroller. The ALERTx pin is pulled low as
soon as an out-of-range condition is detected, thus notifying the microcontroller. The microcontroller immediately
reacts to the alert and takes action to address the overcurrent condition. In transparent output mode, there is no
need to latch the state of the alert output because the microcontroller responds as soon as the out-of-range
condition occurs.
7.4.1.2 Latch Output Mode
The comparators are set to latch output mode when the corresponding LATCHx pin is pulled high. Some
applications do not continuously monitor the state of the ALERTx pins as described in the Transparent Output
Mode section. For example, if the device is set to transparent output mode in an application that only polls the
state of the ALERTx pins periodically, then the transition of the ALERTx pins can be missed when the out-of-
range condition is not present during one of these periodic polling events. Latch output mode allows the output of
the comparators to latch the output of the range condition so that the transition of the ALERTx pins is not missed
when the status of the comparator ALERTx pins is polled.
The difference between latch mode and transparent mode is how the alert output responds when an overcurrent
condition is removed. In transparent mode (LATCH1, LATCH2 = low), when the differential input signal drops to
within normal operating range, the ALERTx pin returns to the default high setting to indicate that the overcurrent
event has ended.
In latch mode (LATCHx = high), when an out-of-range condition is detected and the corresponding ALERTx pin
is pulled low; the ALERTx pin does not return to the default high state when the out-of-range condition is
removed. In order to clear the alert, the corresponding LATCHx pin must be pulled low for at least 100 ns. Pulling
the LATCHx pins low allows the corresponding ALERTx pin to return to the default high level, provided the out-
of-range condition is no longer present. If the out-of-range condition is still present when the LATCHx pins are
pulled low, then the corresponding ALERTx pin remains low. The ALERTx pins can be cleared (reset to high) by
toggling the corresponding LATCHx pin when the alert condition is detected by the system controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com