Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7385 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7385
Description  4 x 42 W quad bridge car radio amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7385 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7385 Datasheet HTML 2Page - STMicroelectronics TDA7385 Datasheet HTML 3Page - STMicroelectronics TDA7385 Datasheet HTML 4Page - STMicroelectronics TDA7385 Datasheet HTML 5Page - STMicroelectronics TDA7385 Datasheet HTML 6Page - STMicroelectronics TDA7385 Datasheet HTML 7Page - STMicroelectronics TDA7385 Datasheet HTML 8Page - STMicroelectronics TDA7385 Datasheet HTML 9Page - STMicroelectronics TDA7385 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical specifications
TDA7385
6/17
Doc ID 8160 Rev 6
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
VS = 14.4 V; f = 1 kHz; Rg = 600 ; RL = 4 ;Tamb = 25 °C; Refer to the test and application
diagram (Figure 3), unless otherwise specified.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
Operating supply voltage
18
V
VS (DC)
DC supply voltage
28
V
VS (pk)
Peak supply voltage (t = 50 ms)
50
V
IO
Output peak current:
Repetitive (duty cycle 10 % at f = 10 Hz)
Non repetitive (t = 100 µs)
4.5
5.5
A
A
Ptot
Power dissipation, (Tcase = 70 °C)
80
W
Tj
Junction temperature
150
C
Tstg
Storage temperature
– 55 to 150
C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
max.
1
°C/W
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent current
-
-
180
300
mA
VOS
Output offset voltage
-
-
-
100
mV
Gv
Voltage gain
-
25
26
27
dB
Po
Output power
THD = 10%
THD = 1%
THD = 10%; VS = 13.2 V
THD = 1%;
VS = 13.2 V
21
16.5
17
14
23
19
20
16
-W
Po max.
Max. output power (1)
VS = 14.4 V
33
35
-
W
VS = 15.2 V
-
42
-
W
THD
Distortion
Po = 4 W
-
0.04
0.3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com