Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7478 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7478
Description  Single chip RDS demodulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7478 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7478 Datasheet HTML 1Page - STMicroelectronics TDA7478 Datasheet HTML 2Page - STMicroelectronics TDA7478 Datasheet HTML 3Page - STMicroelectronics TDA7478 Datasheet HTML 4Page - STMicroelectronics TDA7478 Datasheet HTML 5Page - STMicroelectronics TDA7478 Datasheet HTML 6Page - STMicroelectronics TDA7478 Datasheet HTML 7Page - STMicroelectronics TDA7478 Datasheet HTML 8Page - STMicroelectronics TDA7478 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Block diagram and pins description
TDA7478
4/11
Doc 10679 Rev 4
1.2
Pins description
Figure 2.
Pin connection (top view)
Table 2.
Pins description
Pin #
Name
Description
1
QUAL
Output for signal quality indication (High = good)
2
RDDA
RDS data output
3
VREF
Reference voltage
4
MPX
RDS input signal
5
OSEL
Oscillator selector pin:
– open, closed to VS = quartz oscillator
– closed to GND = external driven
6
GND
Ground
7
N.U.
Not Used (to be left open)
8
FILOUT
Filter output
9
FSEL
Frequency selector pin:
– open = 4.332 MHz
– closed to VS = 8.664 MHz
10
TM
Test mode pin:
– open = normal operation
– closed to VS = testmode
11
EXTRES
Reset pin:
– open = run mode
– closed to VS = reset condition
12
VS
Supply voltage
13
OSCIN
Oscillator input
14
OSCOUT Oscillator output
15
T57
Testing output pin: 57 kHz clock output
16
RDCL
RDS clock output 1187.5 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com