Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSP430C413IPM Datasheet(PDF) 13 Page - Texas Instruments

Part # MSP430C413IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MSP430C413IPM Datasheet(HTML) 13 Page - Texas Instruments

Back Button MSP430C413IPM Datasheet HTML 9Page - Texas Instruments MSP430C413IPM Datasheet HTML 10Page - Texas Instruments MSP430C413IPM Datasheet HTML 11Page - Texas Instruments MSP430C413IPM Datasheet HTML 12Page - Texas Instruments MSP430C413IPM Datasheet HTML 13Page - Texas Instruments MSP430C413IPM Datasheet HTML 14Page - Texas Instruments MSP430C413IPM Datasheet HTML 15Page - Texas Instruments MSP430C413IPM Datasheet HTML 16Page - Texas Instruments MSP430C413IPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340J − MAY 2001 − REVISED DECEMBER 2008
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
memory organization
MSP430F412
MSP430F413
MSP430F415
MSP430F417
Memory
Interrupt vector
Code memory
Size
Flash
Flash
4KB
0FFFFh to 0FFE0h
0FFFFh to 0F000h
8KB
0FFFFh to 0FFE0h
0FFFFh to 0E000h
16KB
0FFFFh to 0FFE0h
0FFFFh to 0C000h
32KB
0FFFFh to 0FFE0h
0FFFFh to 08000h
Information memory
Size
Flash
256 Byte
010FFh to 01000h
256 Byte
010FFh to 01000h
256 Byte
010FFh to 01000h
256 Byte
010FFh to 01000h
Boot memory
Size
ROM
1KB
0FFFh to 0C00h
1KB
0FFFh to 0C00h
1KB
0FFFh to 0C00h
1KB
0FFFh to 0C00h
RAM
Size
256 Byte
02FFh to 0200h
256 Byte
02FFh to 0200h
512 Byte
03FFh to 0200h
1 KB
05FFh to 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
MSP430C412
MSP430C413
Memory
Interrupt vector
Code memory
Size
ROM
ROM
4KB
0FFFFh to 0FFE0h
0FFFFh to 0F000h
8KB
0FFFFh to 0FFE0h
0FFFFh to 0E000h
Information memory
Size
NA
NA
Boot memory
Size
NA
NA
RAM
Size
256 Byte
02FFh to 0200h
256 Byte
02FFh to 0200h
Peripherals
16-bit
8-bit
8-bit SFR
01FFh to 0100h
0FFh to 010h
0Fh to 00h
01FFh to 0100h
0FFh to 010h
0Fh to 00h
bootstrap loader (BSL)
The MSP430 BSL enables users to program the flash memory or RAM using a UART serial interface. Access
to the MSP430 memory via the BSL is protected by user-defined password. For complete description of the
features of the BSL and its implementation, see the application report Features of the MSP430 Bootstrap
Loader, literature number SLAA089.
BSL FUNCTION
PM, RTD, RGC PACKAGE PINS
Data Transmit
53 - P1.0
Data Receive
52 - P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com