Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OPAX145 Datasheet(PDF) 28 Page - Texas Instruments

Part # OPAX145
Description  OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPAX145 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPAX145 Datasheet HTML 24Page - Texas Instruments OPAX145 Datasheet HTML 25Page - Texas Instruments OPAX145 Datasheet HTML 26Page - Texas Instruments OPAX145 Datasheet HTML 27Page - Texas Instruments OPAX145 Datasheet HTML 28Page - Texas Instruments OPAX145 Datasheet HTML 29Page - Texas Instruments OPAX145 Datasheet HTML 30Page - Texas Instruments OPAX145 Datasheet HTML 31Page - Texas Instruments OPAX145 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 TINA-TI™ SImulation Software (Free Download)
TINA™ is a simple, powerful, and easy-to-use circuit simulation program based on a SPICE engine. TINA-TI™
simulation software is a free, fully functional version of the TINA software, preloaded with a library of macro
models in addition to a range of both passive and active models. TINA-TI software provides all the conventional
dc, transient, and frequency domain analysis of SPICE, as well as additional design capabilities.
Available as a free download from the Analog eLab Design Center, TINA-TI simulation software offers extensive
post-processing capability that allows users to format results in a variety of ways. Virtual instruments offer
the ability to select input waveforms and probe circuit nodes, voltages, and waveforms, creating a dynamic
quick-start tool.
Note
These files require that either the TINA software (from DesignSoft™) or TINA-TI software be installed.
Download the free TINA-TI software from the TINA-TI folder.
11.1.1.2 WEBENCH Filter Designer Tool
WEBENCH® Filter Designer is a simple, powerful, and easy-to-use active filter design program. The WEBENCH
Filter Designer lets you create optimized filter designs using a selection of TI operational amplifiers and passive
components from TI's vendor partners.
11.1.1.3 TI Precision Designs
TI Precision Designs are available online at http://www.ti.com/ww/en/analog/precision-designs/. TI Precision
Designs are analog solutions created by TI’s precision analog applications experts and offer the theory of
operation, component selection, simulation, complete PCB schematic and layout, bill of materials, and measured
performance of many useful circuits.
11.2 Documentation Support
11.2.1 Related Documentation
For related documentation see the following:
• Texas Instruments, The PCB is a component of op amp design
• Texas Instruments, OPA140, OPA2140, OPA4140 EMI Immunity Performance
• Texas Instruments, Compensate Transimpedance Amplifiers Intuitively
• Texas Instruments, Operational amplifier gain stability, Part 3: AC gain-error analysis
• Texas Instruments, Operational amplifier gain stability, Part 2: DC gain-error analysis
• Texas Instruments, Using infinite-gain, MFB filter topology in fully differential active filters
• Texas Instruments, Op Amp Performance Analysis
• Texas Instruments, Single-Supply Operation of Operational Amplifiers
• Texas Instruments, Tuning in Amplifiers
• Texas Instruments, Shelf-Life Evaluation of Lead-Free Component Finishes
• Texas Instruments, Feedback Plots Define Op Amp AC Performance
• Texas Instruments, EMI Rejection Ratio of Operational Amplifiers
11.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
OPA145, OPA2145
SBOS427F – JUNE 2017 – REVISED MARCH 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA145 OPA2145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com